Electronic Components Datasheet Search
  English  ▼

X  

B20A45VC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # B20A45VC
Description  SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

B20A45VC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  B20A45VC Datasheet HTML 1Page - KEC(Korea Electronics) B20A45VC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 12. 18
1/2
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.
FEATURES
・Average Output Rectified Current
: IO=20A.
・Repetitive Peak Reverse Voltage
: VRRM=45V.
・Low Peak Forward Voltage : 0.58V(Max.)
MAXIMUM RATING (Ta=25℃)
1. ANODE
2. CATHODE
3. ANODE
DIM MILLIMETERS
TO-220AB
10.30 MAX
15.30 MAX
0.80
Φ3.60 0.20
3.00
6.70 MAX
13.60 0.50
5.60 MAX
0.50
1.50 MAX
2.54
4.70 MAX
2.60
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
A
MM
123
L
C
K
J
P
D
1.37 MAX
1.50 MAX
R
S
C
T
Q
1.50
R9.50 0.20
S8.00 0.20
T2.90 MAX
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
B20A45VC
SCHOTTKY BARRIER TYPE DIODE
(LOW VF TYPE)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
(Note)
VFM
IFM=10A
-
-
0.58
V
Repetitive Peak
Reverse Current
(Note)
IRRM
VRRM=Rated
-
-
150
㎂
Thermal Resistance
(Note)
Rth(j-c)
Juction to Case
-
-
2.0
℃/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
45
V
Average Output Rectified
Current (Tc=115℃) (Note)
IO
20
A
Peak One Cycle Surge Forward
Current (Non-Repetitive 60Hz)
IFSM
250
A
Junction Temperature
Tj
-40~150
℃
Storage Temperature Range
Tstg
-55~150
℃
Note : average forward current of centertap full wave connection.
Note : A value of one cell
3
1
2


Similar Part No. - B20A45VC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B20A45VIC KEC-B20A45VIC Datasheet
75Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B20A45VIC KEC-B20A45VIC Datasheet
457Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
B20A45VIC KEC-B20A45VIC_07 Datasheet
457Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - B20A45VC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B30A45VC KEC-B30A45VC Datasheet
37Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
LOW VF SCHOTTKY BARRIER DIODE
logo
KEC(Korea Electronics)
B5A60VIC KEC-B5A60VIC_07 Datasheet
444Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
B10A45VI KEC-B10A45VI_07 Datasheet
50Kb / 3P
SCHOTTKY BARRIER TYPE DIODE
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L_16 Datasheet
269Kb / 5P
LOW VF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com