Electronic Components Datasheet Search
  English  ▼

X  

BAV70T Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BAV70T
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAV70T Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BAV70T Datasheet HTML 1Page - KEC(Korea Electronics) BAV70T Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2009. 1. 23
1/2
SEMICONDUCTOR
TECHNICAL DATA
BAV70T
SILICON EPITAXIAL PLANAR DIODE
Revision No : 1
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
・Small Package
: ESM.
・Low Forward Voltage
: VF=0.9V (Typ.).
・Fast Reverse Recovery Time : t
rr=1.6ns(Typ.).
・Small Total Capacitance
: CT=0.9pF (Typ.).
MAXIMUM RATING (Ta=25℃)
DIM
MILLIMETERS
A
B
D
E
ESM
1.60 0.10
0.85 0.10
0.70 0.10
0.27+0.10/-0.05
1.60 0.10
1.00 0.10
0.50
0.13 0.05
C
G
H
J
1
3
2
E
B
D
J
1. ANODE 1
2. ANODE 2
3. CATHODE
3
2
1
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Marking
H 2
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Continuous Forward Current
IF
150
mA
Surge Current (10ms)
IFSM
2
A
Power Dissipation
PD
200 *
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.60
-
V
VF(2)
IF=10mA
-
0.72
-
VF(3)
IF=150mA
-
-
1.25
Reverse Current
IR
VR=80V
-
-
0.5
μA
Total Capacitance
CT
VR=0, f=1MHz
-
-
3.0
pF
Reverse Recovery Time
trr
IF=10mA
-
-
4.0
nS
Note : * Package Mounted On FR-5 Board (25.4×19.05×1.57mm)


Similar Part No. - BAV70T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV70T PHILIPS-BAV70T Datasheet
72Kb / 12P
High-speed double diode
1997 Dec 19
logo
Diodes Incorporated
BAV70T DIODES-BAV70T Datasheet
200Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Infineon Technologies A...
BAV70T INFINEON-BAV70T Datasheet
479Kb / 7P
Silicon Switching Diode
Mar-10-2004
logo
Weitron Technology
BAV70T WEITRON-BAV70T Datasheet
265Kb / 3P
Surface Mount Switching Diodes
logo
Diodes Incorporated
BAV70T DIODES-BAV70T Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 7 - 2
More results

Similar Description - BAV70T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com