Electronic Components Datasheet Search
  English  ▼

X  

BAW56T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BAW56T
Description  SILICON EPITAXIAL TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAW56T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BAW56T Datasheet HTML 1Page - KEC(Korea Electronics) BAW56T Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 1. 23
2/2
BAW56T
Revision No : 1
1
0.2
REVERSE VOLTAGE VR (R)
CT - VR
0
REVERSE VOLTAGE VR (V)
0
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
0
10-2
10-1
100
101
102
103
10-2
10-3
10-1
100
101
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
0.5
1.0
1.5
2.0
2.5
10
100
f=1MHz
trr - IF
FORWARD CURRENT IF (mA)
0.1
110
100
1
10
100
Fig. 1
Ta=25 C
Ta=25 C
Fig. 1. REVERSE RECOVERY TIME(trr) TEST CIRCUIT
E
INPUT
WAVEFORM
INPUT
0.01
µF
DUT
OUTPUT
SAMPLING
OSCILLOSCOPE
(RIN=50Ω)
WAVEFORM
0.1 IR
0
IR
IF =10mA
trr
PULSE GENERATOR
(ROUT=50Ω)
50ns
-6V
0
Ta=100 C
Ta=75 C
Ta=50 C
Ta=25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com