Electronic Components Datasheet Search
  English  ▼

X  

EP8258 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP8258
Description  14 Pin DIP TTL Square-Wave Generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP8258 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP8258 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
d
Duty Cycle
45
55
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min
Max
Unit
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II= IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO Output Rise Time
VCC= 5.0V
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
EP8250
2
EP8259
35
EP8251
3
EP8260
40
EP8252
4
EP8261
45
EP8253
5
EP8262
50
EP8254
10
EP8263
60
EP8255
15
EP8264
70
EP8256
20
EP8265
80
EP8257
25
EP8266
90
EP8258
30
EP8267
100
PART
MHz
PART
MHz
NUMBER
±5%
NUMBER
±5%
14 Pin DIP TTL Square-Wave Generator
Output frequencies from 2 to 100 MHz ±5%
Operating temperature range 0 to 70 °C
Schottky TTL
50% duty cycle
Inherent Delay 4nS Typ.
Output synchronized using enable line
Low Profile 14 pin dual-in-line package
Features
Schematic
Package
DSD82XXb 8/25/94
QAF-CSO2 Rev. A 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
42
1
7
8
14
VCC
EN
G
OUT
Square Wave Generator
.365
Max.
.600
.780 Max.
.280
PCA
EP8250
Date Code
.010
Typ.
.150 Typ..
.020
.040
Max.
.250
.020
Typ.
Max.
White Dot
Pin#1
.200


Similar Part No. - EP8258

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
10/100 Mbps Platform LAN Connect (PLC)
EP82562GTSL7RL INTEL-EP82562GTSL7RL Datasheet
194Kb / 8P
Intel in Embedded. Roadmap to your Future.
More results

Similar Description - EP8258

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1601TE MTRONPTI-K1601TE Datasheet
265Kb / 1P
14 pin DIP, 5.0 Volt, CMOS/TTL, TCVCXO
K1603T MTRONPTI-K1603T Datasheet
238Kb / 1P
14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
logo
PCA ELECTRONICS INC.
EP9981-5 PCA-EP9981-5 Datasheet
34Kb / 1P
14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules
logo
Connor-Winfield Corpora...
ATV1 CONNOR-WINFIELD-ATV1 Datasheet
84Kb / 2P
14 PIN DIP CMOS/TTL TCXO
HC54R8 CONNOR-WINFIELD-HC54R8 Datasheet
58Kb / 1P
14 PIN DIP HCMOS/TTL COMPATIBLE
S17R8 CONNOR-WINFIELD-S17R8 Datasheet
51Kb / 1P
14 PIN DIP TTL
S54R8 CONNOR-WINFIELD-S54R8 Datasheet
52Kb / 1P
14 PIN DIP TTL
S55R8 CONNOR-WINFIELD-S55R8 Datasheet
50Kb / 1P
14 PIN DIP TTL
logo
PCA ELECTRONICS INC.
EPA209-2 PCA-EPA209-2 Datasheet
17Kb / 1P
14 Pin DIP TTL Square-Wave Generator With Complimentary Output
logo
Wolfgang Knap
NFTL WK-NFTL Datasheet
58Kb / 1P
14-PIN DIP TTL OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com