Electronic Components Datasheet Search
  English  ▼

X  

KDP629UL Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDP629UL
Description  SILICON EPITAXIAL PIN TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDP629UL Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDP629UL Datasheet HTML 1Page - KEC(Korea Electronics) KDP629UL Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 12. 8
2/2
KDP629UL
Revision No : 0
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
0
0.2
0.6
0.4
0.8
1.0
0
024
8
610
1
10
100
10-6
10-5
10-4
10-3
10-2
10-1
10-11
10-10
10-09
100
02
6
10
48
0
CT - VR
6
24
8
10
0.1
1.0
FORWARD CURRENT IF (mA)
rs - IF
REVERSE VOLTAGE VR (V)
Ta=25 C
f=1MHz
Ta=25 C
f=100MHz
Ta=25 C
Ta=25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com