Electronic Components Datasheet Search
  English  ▼

X  

KDR720UL Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR720UL
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR720UL Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR720UL Datasheet HTML 1Page - KEC(Korea Electronics) KDR720UL Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 12. 20
2/2
KDR720UL
Revision No : 0
IR - VR
0
10n
510
15
100n
1m
10m
10
µ
100
µ
1
µ
IF - VF
CT - VR
20
25
30
35
25
15
20
010
5
0
6
8
14
20
2
4
10
12
18
16
0
100
0.001
0.01
0.1
200
300
400
500
600
1
10
100
1000
75 C
25 C
125 C
-25 C
75 C
25 C
125 C
-25 C
f =1MHz
REVERSE VOLTAGE VR (V)
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com