Electronic Components Datasheet Search
  English  ▼

X  

EP8329 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP8329
Description  14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP8329 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP8329 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
14 Pin DIP 10 Tap
TTL Compatible Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP83XX & EP83XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS83XX & -RC
Rev. A1
12/14/05 RR
Schematic
Add “-RC” after part number for RoHS Compliant
Tap Delays
(†±5% or ± 2nS)
5
6
7.5
10
12.5
15
17.5
20
22.5
25
30
35
40
42
Total Delay
(†±5% or ± 2nS)
50
60
75
100
125
150
175
200
225
250
300
350
400
420
PCA
Part Number
EP8322(-RC)
EP8309(-RC)
EP8323(-RC)
EP8310(-RC)
EP8330(-RC)
EP8324(-RC)
EP8331(-RC)
EP8325(-RC)
EP8329(-RC)
EP8326(-RC)
EP8332(-RC)
EP8327(-RC)
EP8333(-RC)
EP8328(-RC)
Tap Delays
(†±5% or ± 2nS)
44
45
47
50
55
60
65
70
75
80
85
90
95
100
Total Delay
(†±5% or ± 2nS)
440
450
470
500
550
600
650
700
750
800
850
900
950
1000
PCA
Part Number
EP8301(-RC)
EP8311(-RC)
EP8317(-RC)
EP8302(-RC)
EP8319(-RC)
EP8303(-RC)
EP8320(-RC)
EP8304(-RC)
EP8321(-RC)
EP8305(-RC)
EP8306(-RC)
EP8307(-RC)
EP8308(-RC)
EP8318(-RC)
†Whichever is greater. Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Recommended Operating Conditions
VCC Supply Voltage
VIH
High-Level Input Voltage
VIL
Low-Level Input Voltage
IIK
Input Clamp Current
IOH
High-Level Output Current
IOL
Low-Level Output Current
PW*
Pulse Width of Total Delay
d*
Duty Cycle
TA
Operating Free-Air Temperature
Min.
4.75
2.0
40
0
Max.
5.25
0.8
-18
-1.0
20
40
+70
Unit
V
V
V
mA
mA
mA
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
DC Electrical Characteristics
Parameter
Test Conditions
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
VIK
Input Clamp Voltage
VCC = min. II = II K
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
VCC = max. VIN = 5.25V
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
Min.
2.7
-40
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
ICCL Low-Level Supply Current
VCC = max. VIN = 0
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
Td > 500 nS
Max.
0.5
-1.2
50
1.0
-2
-100
150
150
4
5
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL Load
Unit
V
V
V
µA
mA
mA
mA
nS
nS
mA
mA
Notes :
2. Peak Solder Rating
(per IPC/JESD22-B106-B)
4. Weight
3. Moisture Sensitive Levels (MSL)
(per IPC/JESD22-B106-B)
1. Assembly Process
(Solder Composition)
(Leadframe)
(Assembly Solder)
5. Packaging Information
(Tube)
EP83XX-RC
260°C
10 (+2/-0) seconds
2.0 grams
4
(72 hours,
≤30°C/60%RH)
SnPb
(RoHS exemption 7a)
Sn
27 pieces/tube
EP83XX
260°C
10 (+2/-0) seconds
2.0 grams
3
(168 hours,
≤30°C/60%RH)
SnPb
SnPb
27 pieces/tube
13
3
12
4
11
5
10
6
9
8
1
7
INPUT
OUTPUT
GROUND
14 VCC
Package
PCA
EP83XX(-RC)
Date Code
Pin 1
I.D.
.780 Max.
(19.81)
.010
(.254)
.280 Max.
(7.11)
.250 Max.
(6.35)
.020 Typ.
(.508)
.100
(2.54)
.200
(5.08)
.365 Max.
(9.27)
.150 (3.81)
.020 Min.
(.508)


Similar Part No. - EP8329

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EP830 AXIOMTEK-EP830 Datasheet
229Kb / 1P
4 COM ports, 4 USB 2.0 and 2 IEEE 1394a ports
EP830DGGAF AXIOMTEK-EP830DGGAF Datasheet
229Kb / 1P
4 COM ports, 4 USB 2.0 and 2 IEEE 1394a ports
EP830DGGAF-1G AXIOMTEK-EP830DGGAF-1G Datasheet
229Kb / 1P
4 COM ports, 4 USB 2.0 and 2 IEEE 1394a ports
More results

Similar Description - EP8329

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP8200-HL PCA-EP8200-HL Datasheet
21Kb / 1P
14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EP8700 PCA-EP8700 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP9300 PCA-EP9300 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EPA1220HL-25 PCA-EPA1220HL-25 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EPA247-50 PCA-EPA247-50 Datasheet
24Kb / 1P
SMD 14 Pin 10 Tap TTL Compatible Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP93XX PCA-EP93XX_15 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP8270-92 PCA-EP8270-92_15 Datasheet
22Kb / 1P
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines
EPA1145 PCA-EPA1145_15 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com