Electronic Components Datasheet Search
  English  ▼

X  

370LP024C16 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 370LP024C16
Description  Submersible Split Shell Cable Sealing Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370LP024C16 Datasheet(HTML) 2 Page - Glenair, Inc.

  370LP024C16 Datasheet HTML 1Page - Glenair, Inc. 370LP024C16 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 27
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. Metric dimensions (mm) are
indicated in parentheses.
2. Cable range is defined as the
accommodations range for
the wire bundle or cable.
Dimensions shown are not in-
tended for inspection criteria.
3. Interface O-Ring not supplied
with connector designator A.
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
F
Max
1.188 (30.2)
1.188 (30.2)
1.188 (30.2)
1.188 (30.2)
1.438 (36.5)
1.438 (36.5)
1.438 (36.5)
1.688 (42.9)
1.688 (42.9)
H
Max
2.156 (54.8)
2.156 (54.8)
2.156 (54.8)
2.156 (54.8)
2.281 (57.9)
2.281 (57.9)
2.281 (57.9)
2.406 (61.1)
2.406 (61.1)
G
Max
1.938 (49.2)
1.938 (49.2)
1.938 (49.2)
1.938 (49.2)
2.062 (52.4)
2.062 (52.4)
2.062 (52.4)
2.188 (55.6)
2.188 (55.6)
See inside
back cover
fold-out or
pages 13 and
14 for
unabridged
Tables
I and II.
J
Max
1.938 (49.2)
1.938 (49.2)
1.938 (49.2)
1.938 (49.2)
2.062 (52.4)
2.062 (52.4)
2.062 (52.4)
2.188 (55.6)
2.188 (55.6)
K
Max
2.156 (54.8)
2.156 (54.8)
2.156 (54.8)
2.156 (54.8)
2.281 (57.9)
2.281 (57.9)
2.281 (57.9)
2.406 (61.1)
2.406 (61.1)
N
Max
2.281 (57.9)
2.406 (61.1)
2.406 (61.1)
2.406 (61.1)
2.656 (67.5)
2.656 (67.5)
2.906 (73.8)
Dash
No.
08
10
12
16
20
24
28
L
Max
1.438 (36.5)
1.688 (42.9)
1.688 (42.9)
1.688 (42.9)
2.188 (55.6)
2.188 (55.6)
2.688 (68.3)
P
Max
2.062 (52.4)
2.188 (55.6)
2.188 (55.6)
2.188 (55.6)
2.438 (61.9)
2.438 (61.9)
2.688 (68.3)
R
Max
2.281 (57.9)
2.406 (61.1)
2.406 (61.1)
2.406 (61.1)
2.656 (67.5)
2.656 (67.5)
2.906 (73.8)
M
Max
2.062 (52.4)
2.188 (55.6)
2.188 (55.6)
2.188 (55.6)
2.438 (61.9)
2.438 (61.9)
2.688 (68.3)
TABLE IV: DIMENSIONS
TABLE III: DIMENSIONS
TABLE X: CABLE ENTRY
Dash
No.
04
06
08
10
12
16
20
24
28
T
Max
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.811 (20.6)
.905 (23.0)
1.092 (27.7)
1.124 (28.5)
1.399 (35.5)
Min
.125 (3.2)
.250 (6.4)
.387 (9.8)
.350 (8.9)
.500 (12.7)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
Max
.312 (7.9)
.437 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.937 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
V
Max
.957 (24.3)
1.145 (29.1)
1.332 (33.8)
1.332 (33.8)
1.551 (39.4)
1.770 (45.0)
2.113 (53.7)
2.363 (60.0)
2.770 (70.4)
Cable Range
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
See Inside Back Cover
for Additional Finish Options
370-024
Submersible Split Shell Cable Sealing Backshell
with Strain Relief
Low Profile - Self-Locking - Rotatable Coupling
Z
Max
.630 (16.0)
.755 (19.2)
.942 (23.9)
1.067 (27.1)
1.192 (30.3)
1.380 (35.1)
1.535 (39.0)
1.848 (46.9)
2.255 (57.3)
2.505 (63.6)
2.755 (70.0)
Max
.250 (6.4)
.312 (7.9)
.438 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
Dash
No.
03*
04*
06*
08
10
12
16
20
24
28
32*
X
Max
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
1.073 (27.3)
1.323 (33.6)
1.323 (33.6)
1.572 (39.9)
1.572 (39.9)
Min **
.156 (4.0)
.188 (4.8)
.281 (7.1)
.387 (9.8)
.375 (9.5)
.438 (11.1)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.437 (36.5)
Y
Max
.843 (21.4)
.906 (23.0)
1.093 (27.8)
1.187 (30.1)
1.281 (32.5)
1.500 (38.1)
1.719 (43.7)
2.062 (52.4)
2.312 (58.7)
2.719 (69.1)
2.969 (75.4)
Cable Range
* Not available in Style M clamp.
** Not Applicable Style D
W
Max
.437 (11.1)
.437 (11.1)
.500 (12.7)
.563 (14.3)
.563 (14.3)
.563 (14.3)
.656 (16.7)
.656 (16.7)
.656 (16.7)
1.188 (30.2)
1.187 (30.1)
TABLE XI: CABLE ENTRY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com