Electronic Components Datasheet Search
  English  ▼

X  

EPA1071 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1071
Description  T1/CEPT/ISDN-PRI Carrier Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1071 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1071 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T1/CEPT/ISDN-PRI
Carrier Interface Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Isolation at PBX and Terminals
• Dual Package Configuration
• 1500 Vrms Isolation
EPA1071-EPA1074
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA1071-CSA1074
Rev. 2
7/21/03
OCL
(mH Min.)
1.20 & 1.20
1.20 & 1.20
2.00 & 2.00
1.20 & 1.20
Leakage
Inductance
(µH Max.)
0.50 & 0.50
0.50 & 0.80
0.60 & 0.60
0.55 & 0.50
1:2CT & 1:2CT
1:2CT & 1:1.36
1:2CT & 1:2CT
1CT:2CT & 1:1
Turns Ratio
(± 5%)
Pri.:Sec.
PCA
Part
Number
EPA1071
EPA1072
EPA1073
EPA1074
1.20 & 1.20
1.20 & 1.00
1.20 & 1.20
1.20 & 0.70
30 & 30
35 & 35
45 & 45
30 & 30
Interwinding
Capacitance
(pF Max.)
DCR
(
Ω Max.)
0.70 & 0.70
0.80 & 0.80
0.70 & 0.70
0.70 & 0.70
Schematic
A
C
B
D
Package
Schematic A
13
2
12
14
10
8
9
7
5
Schematic B
13
2
12
14
57
6
8
10
Schematic C
13
2
12
14
10
8
7
5
Schematic D
13
2
10
8
7
5
12
14
12
PCA
EPA107X
D.C.
.375
(9.52)
.790
(20.07)
.240
(6.10)
.100
(2.54)
.300
(7.62)
.110/.140
(2.79/3.57)
.013/.017
(.330/.432)
.200
(5.08)
.600
(15.24)
.017/.023
(.432/584)
1
14
8
7
Bottom View
.300
(7.62)


Similar Part No. - EPA1071

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1070 PCA-EPA1070 Datasheet
126Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
More results

Similar Description - EPA1071

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1064 PCA-EPA1064 Datasheet
126Kb / 1P
T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPR1011E PCA-EPR1011E Datasheet
35Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1001 PCA-EPR1001 Datasheet
125Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1026 PCA-EPR1026 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1035E PCA-EPR1035E Datasheet
38Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1051G PCA-EPR1051G Datasheet
39Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1076S PCA-EPR1076S Datasheet
36Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1100S PCA-EPR1100S Datasheet
88Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com