Electronic Components Datasheet Search
  English  ▼

X  

KRA101 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRA101
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA101 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRA101 Datasheet HTML 1Page - KEC(Korea Electronics) KRA101 Datasheet HTML 2Page - KEC(Korea Electronics) KRA101 Datasheet HTML 3Page - KEC(Korea Electronics) KRA101 Datasheet HTML 4Page - KEC(Korea Electronics) KRA101 Datasheet HTML 5Page - KEC(Korea Electronics) KRA101 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2009. 2. 25
3/6
KRA101~KRA106
Revision No : 0
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Switching
Time
Rise
Time
KRA101
tr
VO=-5V
VIN=-5V
RL=1kΩ
-
0.07
-
μS
KRA102
-
0.06
-
KRA103
-
0.2
-
KRA104
-
0.24
-
KRA105
-
0.02
-
KRA106
-
0.07
-
Storage
Time
KRA101
tstg
-
1.1
-
KRA102
-
1.1
-
KRA103
-
1.1
-
KRA104
-
1.1
-
KRA105
-
1.1
-
KRA106
-
1.1
-
Fall
Time
KRA101
tf
-
0.15
-
KRA102
-
0.24
-
KRA103
-
0.38
-
KRA104
-
0.63
-
KRA105
-
0.1
-
KRA106
-
0.2
-
ELECTRICAL CHARACTERISTICS (Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com