Electronic Components Datasheet Search
  English  ▼

X  

370LP024G18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 370LP024G18
Description  Submersible Split Shell Cable Sealing Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370LP024G18 Datasheet(HTML) 1 Page - Glenair, Inc.

  370LP024G18 Datasheet HTML 1Page - Glenair, Inc. 370LP024G18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 26
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
K (Table III)
or
R (Table IV)
CONNECTOR
DESIGNATORS
A-F-H-L-S
SELF-LOCKING
ROTATABLE
COUPLING
J (Table III)
or
P (Table IV)
G (Table III)
or
M (Table IV)
H (Table III)
or
N (Table IV)
E Typ
(Table I)
A Thread
(Table I)
F (Table III)
or
L (Table IV)
Anti-Rotation
Device Typ.
O-Ring
Cable
Range
STYLE H
Heavy Duty
(Table X)
STYLE A
Medium Duty
(Table XI)
STYLE D
Medium Duty
(Table XI)
STYLE M
Medium Duty
(Table XI)
W
V
Y
Y
Cable
Range
X
Cable
Range
.135 (3.4)
Max
Z
T
Cable
Entry
Use Table IV data
when E diameter
exceeds F diameter.
370-024
Submersible Split Shell Cable Sealing Backshell
with Strain Relief
Low Profile - Self-Locking - Rotatable Coupling
370 F P 024 M 16 10 H
Product Series
Connector Designator
Angle and Profile
P = 45°
R = 90°
Basic Part No.
Strain Relief Style (H, A, M, D)
Cable Entry (Tables X, XI)
Shell Size (Table I)
Finish (Table II)


Similar Part No. - 370LP024G18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370LP023B08 GLENAIR-370LP023B08 Datasheet
221Kb / 2P
Submersible Split Shell Cable Sealing Backshell
370LP023B10 GLENAIR-370LP023B10 Datasheet
221Kb / 2P
Submersible Split Shell Cable Sealing Backshell
370LP023B12 GLENAIR-370LP023B12 Datasheet
221Kb / 2P
Submersible Split Shell Cable Sealing Backshell
370LP023B14 GLENAIR-370LP023B14 Datasheet
221Kb / 2P
Submersible Split Shell Cable Sealing Backshell
370LP023B16 GLENAIR-370LP023B16 Datasheet
221Kb / 2P
Submersible Split Shell Cable Sealing Backshell
More results

Similar Description - 370LP024G18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370GH007NF11 GLENAIR-370GH007NF11 Datasheet
247Kb / 2P
Submersible Cable Sealing Backshell
370AP023NF08 GLENAIR-370AP023NF08 Datasheet
221Kb / 2P
Submersible Split Shell Cable Sealing Backshell
390AA006M08 GLENAIR-390AA006M08 Datasheet
104Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA007M08 GLENAIR-390AA007M08 Datasheet
114Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA035M08 GLENAIR-390AA035M08 Datasheet
60Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM053M08 GLENAIR-390AM053M08 Datasheet
57Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM058M08 GLENAIR-390AM058M08 Datasheet
72Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH058M08 GLENAIR-390AH058M08 Datasheet
57Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell
443FM009NF08 GLENAIR-443FM009NF08 Datasheet
102Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell
443AH009NF08 GLENAIR-443AH009NF08 Datasheet
127Kb / 2P
Submersible EMI/RFI Cable Sealing Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com