Electronic Components Datasheet Search
  English  ▼

X  

EPA1829B Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPA1829B
Description  10 Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1829B Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPA1829B Datasheet HTML 1Page - PCA ELECTRONICS INC. EPA1829B Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The circuit below is a guideline for interconnecting PCA’s EPA1829B with a typical 10 Base-T PHY chip over UTP cable.
Further details of system design, such as chip pin-out, etc. can be obtained from the specific chip manufacturer.
Typical insertion loss of the isolation transformer/filter is 0.7dB. This parameter covers the entire spectrum of the encoded
signals in 10 Base-T protocols. However, the predistortion resistor network introduces some loss which has to be taken
into account in determining how well your design meets the Standard Template requirements. Additionally, the following
need to be considered while selecting resistor values :
a. The filter needs 100
Ω termination, thus the Thevenin’s equivalent resistance seen by the filter looking into the transmit
outputs from the chip must be equal to a value close to 100
Ω. The typical driver output impedance is 5Ω. Thus
choose R1 and R2 values that are lowered by 5
Ω on each leg. Following these guidelines will guarantee that the
return loss specifications are satisfied at all extremes of cable impedance (i.e. 85
Ω to 115Ω) while the module is
installed in your system.
b. That the template requirements are satisfied under the worst case Vcc (i.e. 4.5V), will impose a further constraint on
resistor selection, in that they ought to be the minimum derived from the calculations. Add R3 for more flexibility in
setting voltage levels at the outputs.
Note that some systems have auto polarity detection and some do not. If not, be certain to follow the proper polarity.
It is recommended that system designers ground the chip side center taps via a low voltage capacitor. Taking the cable
side center taps to chassis via capacitors, is not recommended, as this will add cost without containing EMI. This may
worsen EMI, specifically if the primary “common mode termination” is pulled to ground as shown.
The pulldown resistors used around the RJ45 connector have been known to suppress unwanted radiation that unused
wires pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.08 inches away from the chip side pins of EPA1829B. There need not be any ground plane beyond
this point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
CSA1829Bb
Rev. C1
5/2/97
10 Base-T Interface Module with
Enhanced Common Mode Attenuation
Typical Application Circuit for UTP with external Resistor Network
E L E C T R O N I C S I N C .
EPA1829B
10 Base-T
PHY
RJ45*
3
6
2
1
TX+
TXd+
RX+
RX-
EPA1829B
TX+
TX-
RX-
1
2
3
R1
R1
R2
R2
TX-
TXd-
Notes : * Pin-outs shown are for multiport, DCE configurations : e.g. Hubs, Repeaters
For NIC’s, swap pins 3-6 with pins 1-2.
Chassis
Ground
8
7
45
16
14
11
6
RX+
9
8
7
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com