Electronic Components Datasheet Search
  English  ▼

X  

KRA223 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRA223
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA223 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRA223 Datasheet HTML 1Page - KEC(Korea Electronics) KRA223 Datasheet HTML 2Page - KEC(Korea Electronics) KRA223 Datasheet HTML 3Page - KEC(Korea Electronics) KRA223 Datasheet HTML 4Page - KEC(Korea Electronics) KRA223 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2009. 2. 25
2/5
KRA221~KRA226
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRA221~226
IO(OFF)
VO=-30V, VI=0
-
-
-10
μA
DC Current Gain
KRA221
GI
VO=-5V, IO=-50mA
33
-
-
KRA222
39
-
-
KRA223
47
-
-
KRA224
56
-
-
KRA225
56
-
-
KRA226
56
-
-
Output Voltage
KRA221~226
VO(ON)
IO=-50mA, II=-2.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
KRA221
VI(ON)
VO=-0.3V, IO=-20mA
-
-
-3.0
V
KRA222
-
-
-3.0
KRA223
-
-
-3.0
KRA224
-
-
-3.0
KRA225
-
-
-3.0
KRA226
-
-
-2.0
Input Voltage (OFF)
KRA221~224
VI(OFF)
VO=-5V, IO=-0.1mA
-0.5
-
-
V
KRA225~226
-0.3
-
-
Transition Frequency
KRA221~226
fT*
VO=-10V, IO=-5mA,
f=100MHz
-
200
-
MHz
Input Current
KRA221
II
VI=-5V
-
-
-7.2
mA
KRA222
-
-
-7.2
KRA223
-
-
-1.8
KRA224
-
-
-0.88
KRA225
-
-
-7.2
KRA226
-
-
-3.6
Input Resistor
KRA221
R1
-
0.7
1
1.3
kΩ
KRA222
1.54
2.2
2.86
KRA223
3.29
4.7
6.11
KRA224
7
10
13
KRA225
0.7
1
1.3
KRA226
1.54
2.2
2.86
Resistor Ratio
KRA221~224
R2/R1
-
0.8
1
1.2
KRA225
8
10
12
KRA226
3.6
4.5
5.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com