Electronic Components Datasheet Search
  English  ▼

X  

EPA2352 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2352
Description  10 Base-T Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2352 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2352 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DSA2352
Rev. A
9/18/95
Schematic
10 Base-T Interface Module
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
PCA Part Number(s)
EPA2352
QAF-CSO7 8/10/94
30 MHz
40 MHz
dB Min.
dB Min.
dB Min.
dB Min.
28.0
Cut-off Frequency
Attenuation
5-10 MHz
1-100 MHz
1-500 MHz
dB Min.
dB Min.
dB Min.
MHz
16.5 ± 1.0
15.0
38.0
RCV
XMIT
Specification
Parameter
Frequency
Unit
Insertion Loss
dB Max.
Return Loss
Common Mode Rejection
35 (Between Channels), Xmit to Rcv
dB Min.
Crosstalk
Vrms
1500 (for 1 Minute)
Vrms
500 (for 1 Minute) Xmit to Rcv
1-10 MHz
20 MHz
25 MHz
-----
-----
1.5
7.0
17.0
33.0
16.0
15.0
1.0
5.0
11.0
26.0
Impedance Ratio
Ω ± 10%
200
Notes :
100
1-10 MHz
Hipot
Isolation
1. Referenced to Filter Output @ 5 MHz. Insertion Loss due to filter effects only, resistive elements not
included.
Xmit : 7 Pole Balanced Low-Pass, 100
Ω ; Rcv : 5 Pole Balanced Low-Pass, 100Ω
(See Note 1)
(See Note 1)
RCV
12
51
Ω
LPF
10
9
16
14
11
51
Ω
15
Package
X'MIT
LPF
1
2
3
4
5
62
Ω
62
Ω
261
Ω
261
Ω
2.4K
Ω
2.2M
Ω
8
6
2.2M
Ω
7
---
30.0
---
1.000 Max.
.100 Typ.
.020
.410
Max.
PCA
Date Code
EPA2352
.450
Max.
.120
Min.
White Dot Marks Pin 1
.300
Leads : .018 x .012
Electrical Specifications @ 25 °C


Similar Part No. - EPA2352

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2354 PCA-EPA2354 Datasheet
40Kb / 1P
10Base-T Interface Module
More results

Similar Description - EPA2352

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2013DG PCA-EPA2013DG Datasheet
50Kb / 2P
10 Base-T Interface Module
EPA1990AG PCA-EPA1990AG Datasheet
53Kb / 2P
10 Base-T Interface Module
EPE6070 PCA-EPE6070 Datasheet
35Kb / 1P
10 Base-T Interface Module
EPE6089 PCA-EPE6089 Datasheet
21Kb / 1P
10 Base-T Interface Module
EPE6192-M PCA-EPE6192-M Datasheet
27Kb / 1P
10 Base-T Interface Module
EPE6192AG-M PCA-EPE6192AG-M Datasheet
30Kb / 2P
10 Base-T Interface Module
EPE6192GE PCA-EPE6192GE Datasheet
45Kb / 1P
10 Base-T Interface Module
logo
Bothhand USA, LP.
FB2026LF BOTHHAND-FB2026LF Datasheet
68Kb / 1P
10 BASE-T INTERFACE MODULE
FS102S BOTHHAND-FS102S Datasheet
291Kb / 1P
10 BASE-T INTERFACE MODULE
logo
PCA ELECTRONICS INC.
EPE6272 PCA-EPE6272 Datasheet
165Kb / 1P
10 Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com