Electronic Components Datasheet Search
  English  ▼

X  

CMS8D75 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMS8D75
Description  Strobe Light Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS8D75 Datasheet(HTML) 2 Page - Sumida Corporation

  CMS8D75 Datasheet HTML 1Page - Sumida Corporation CMS8D75 Datasheet HTML 2Page - Sumida Corporation CMS8D75 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■Dimensions
※ Visit http://www.sumida.com for more information
■Electric characteristics specification (Typical).
Strobe Light Transformer
(CMS8D series)
1.4
±0.2
(5.7)
6.0 MAX
8.5
±0.5
1.4
±0.2
■Land pattern
CMS8D57
(0.85)
9.0 Max.
8.0 Max.
8.5±0.5
5.7±0.5
4.9
9.5
CMS8D75
Type
Inductance
(µH)(6-1)
100kHz/1V
Inductance
(µH)(3-4)
100kHz/1V
D.C.R.
(Ω)
(6-1)
D.C.R.
(mΩ)
(3-4)
DC superposition
Permission current(3-4)(A) ※1
CMS8D57
1100±20%
10.0±20%
12.6±20% 55.0±20%
2.5 @charge capacity 400µF Max.
CMS8D75
10.5±20%
990(Ref.)
58.0±20%
18.7(Ref.)
4.0@charge capacity 600µF Max.
※1 DC superposition permission current : this indicates the value of current at which the
Inductance decreases to 80% of its initial value at DC superposition
4.9
9.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com