Electronic Components Datasheet Search
  English  ▼

X  

EPA2731 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2731
Description  ISDN Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2731 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2731 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
ISDN Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• S/T Interface Applications
• Dual Transformer in SMD Package
• Optional Packaging : Tubes or Tape & Reel
• 2000 Vrms Isolation
EPA2731
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25°C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA2731 Rev. 2
7/15/03
Schematics
Package
.700
(17.78)
0°-8°
.040
(1.02)
.008/.012
(.203/.305)
Solder Pad
Layout
.750
(19.05)
.100
(2.54)
.030
(.762)
.120
(3.05)
.380
(9.65)
.100
(2.54)
.016/.022
(.406/.559)
.010/.015
(.254/.381)
PCA
EPA2731
D.C.
.940
(23.88)
.520
(13.21)
.120
(3.05)
.700
(17.78)
Pin 1
I.D.
Pri. Dist.
Capacitance
(pF Max.)
Turns Ratio
(± 2%)
Leakage
Inductance
(µH Max.)
DCR
(
Ω ± 25%)
Interwinding
Capacitance
(pF Max.)
Primary
Inductance
(mH Min.)
1
2
16
4
314
13
15
5
6
12
8
710
9
11
Pri,
Sec.
Pri,
Sec.
AB
A
80
A
1:2
A
15
Pri.
2.3
A
100
Pins 1-4
22
Pins 5-8
22
B
80
B
1:2
B
15
Sec.
4
B
100


Similar Part No. - EPA2731

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2720-100 PCA-EPA2720-100 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-100 PCA-EPA2720-100 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-125 PCA-EPA2720-125 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-125 PCA-EPA2720-125 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-150 PCA-EPA2720-150 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EPA2731

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-0043-DC BEL-0553-0043-DC Datasheet
63Kb / 1P
ISDN TRANSFORMER
0554-3855-00 BEL-0554-3855-00 Datasheet
64Kb / 1P
ISDN TRANSFORMER
logo
Bourns Electronic Solut...
PT66004 BOURNS-PT66004 Datasheet
132Kb / 1P
ISDN S-Interface Transformer
logo
Filtran LTD
TEW5613 FILTRAN-TEW5613 Datasheet
29Kb / 1P
ISDN Transmit Transformer
logo
EPCOS
B78304B114 EPCOS-B78304B114 Datasheet
73Kb / 2P
ISDN Transformer
logo
PCA ELECTRONICS INC.
EPA2787 PCA-EPA2787 Datasheet
17Kb / 1P
ISDN Transformer
EPA4047 PCA-EPA4047 Datasheet
40Kb / 1P
ISDN Transformer
logo
Bothhand USA, LP.
S5015 BOTHHAND-S5015 Datasheet
72Kb / 1P
ISDN S-INTERFACE TRANSFORMER
S5016H-3 BOTHHAND-S5016H-3 Datasheet
70Kb / 1P
ISDN S-INTERFACE TRANSFORMER
logo
XFMRS Inc.
XF1334-RM6S XFMRS-XF1334-RM6S Datasheet
41Kb / 1P
ISDN TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com