Electronic Components Datasheet Search
  English  ▼

X  

EPA2749 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2749
Description  T1/E1/CEPT/ISDN Interface Isolation Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2749 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2749 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T1/E1/CEPT/ISDN Interface Isolation Transformer
Electrical Specifications
Schematic
Package
DSA2749
Rev. - 9/10/96
QAF-CSO5a Rev. B
9/4/96
Primary Inductance
1.2 mH Min.
Test
Specification
Equipment
Notes :
*Unless otherwise specified, all tests to be conducted
@ 25°C and RH of 93% Max.
Leakage
Inductance
0.50 µH Max.
Primary DCR
0.70
Ω Max.
I.R. @
--- Meg
Ω
Interwinding
Capacitance
40 pF Max
Secondary DCR
1.20
Ω Max.
Hipot
1500 Vrms
Polarity
2°, 1°
*Insulation Rating
-----
*Oper.Ambient Temp. -----
Crosstalk
--- dB Min.
Turns Ratio
1 : 2 CT ± 5 %
CMRR
--- dB Min.
--- Vdc
Impedance
---
Ω Max.
EPA2749
PCA Part Number
Unless Otherwise Noted
Dimensions in Inches
Tolerances: Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
HP4277
(pins 2-6)
HP4277
VP2941A
VP2941A
HP4277
HD-100
#24 AWG
T.C. Wire
(6 plcs)
.250 Max.
2°
1°
.500
Max.
.400
.130
PCA
EPA2749
D.C.
5
6
.350
Max.
3
4
.200
.100
1
3
5
2
6
1) Between Pri/Sec windings.
2) Pins #2-6 w/#1-3-5 shorted.
Note 1
Note 2
(All windings)


Similar Part No. - EPA2749

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2720-100 PCA-EPA2720-100 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-100 PCA-EPA2720-100 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-125 PCA-EPA2720-125 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-125 PCA-EPA2720-125 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-150 PCA-EPA2720-150 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EPA2749

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1412SE PCA-EPR1412SE Datasheet
22Kb / 1P
T1/E1/CEPT/ISDN Interface Transformer
EPR1413SE PCA-EPR1413SE Datasheet
26Kb / 1P
T1/E1/CEPT/ISDN Interface Transformer
logo
Bothhand USA, LP.
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/27
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/27
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/28
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
2001/02/23
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
T1/CEPT/E1/ISDN-PRI TRANSFORMER
2001/06/11
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
logo
Allied Components Inter...
AT06C10I ALLIED-AT06C10I Datasheet
704Kb / 1P
T1/E1/CEPT ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com