Electronic Components Datasheet Search
  English  ▼

X  

CLS104 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CLS104
Description  2 in 1 Inductor & 3 in 1 Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS104 Datasheet(HTML) 3 Page - Sumida Corporation

  CLS104 Datasheet HTML 1Page - Sumida Corporation CLS104 Datasheet HTML 2Page - Sumida Corporation CLS104 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■
■
■
■
Recommendation reflow condition
2 in 1
2 in 1
2 in 1
2 in 1 Inductor &
Inductor &
Inductor &
Inductor &
3 in 1 Inductor
3 in 1 Inductor
3 in 1 Inductor
3 in 1 Inductor
(CLS series)
(CLS series)
(CLS series)
(CLS series)
300
0
0
100
150
200
250
300
50
T(℃)
T(s)
60
120
180
240
170±10℃、60 ~ 120s
40s
230℃
245℃
PEAK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
300
0
0
100
150
200
250
300
50
T(℃)
T(s)
60
120
180
240
300
0
0
100
150
200
250
300
50
T(℃)
T(s)
60
120
180
240
170±10℃、60 ~ 120s
40s
230℃
245℃
PEAK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
■
■
■
■
Packaging with embossed tape and Reel
※
※
※
※ Visit http://www.sumida.com for more information.
G
B
2.0
4.0
C
H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com