Electronic Components Datasheet Search
  English  ▼

X  

EPA3091 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3091
Description  Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3091 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3091 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• LAN and Telecom Applications •
• 100 KHz to 500 MHz Frequency Range •
Common Mode Choke
CSA3091
Rev. Orig.
7/11/00
Schematic
Package
EPA3091
E L E C T R O N I C S I N C .
Dimensions
A
B
C
D
E
F
G
H
I
J
K
M
N
P
Q
Dim.
Min.
.260
.270
.098
---
.030
---
---
---
.030
---
---
---
---
---
---
Max.
.250
.260
.090
.200
.023
.100
.340
.040
.020
.040
.300
.070
.200
.050
.270
Nom.
(Inches)
(Milimeters)
6.10
6.35
2.03
---
.381
---
---
---
.254
---
---
---
---
---
---
Min.
6.60
6.86
2.49
---
.762
---
---
---
.762
---
---
---
---
---
---
Max.
6.35
6.60
2.29
5.08
.584
2.54
8.64
1.02
.508
1.02
7.62
1.79
5.08
1.27
6.86
Nom.
.240
.250
.080
---
.015
---
---
---
.010
---
---
---
---
---
---
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• For EMI Suppression •
1
2
3
6
5
4
1
1
10
MHz
100
KHz
500
MHz
1
MHz
100
MHz
300
MHz
30
MHz
0dB
10dB
20dB
30dB
40dB
50dB
Typical Common Mode Attenuation
Hipot
(Vrms)
500
DCR
(
Ω Max.)
0.4
Electrical Parameters @ 25° C
Number
of Lines
2
50
MHz
Product performance is limited to specified parameters. Data is subject to change without prior notice.
B
G
K
F
H
I
J
A
E
C
N
Q
P
M
PCA
EPA3091
Date Code
Suggested
Pad
Layout
Primary
Inductance
(µH Min.)
47
@ 100 KHz, 20m Vrms
Coplanarity : ± .004 Max. for 4 pins only.
Pins 2 & 5 not connected.


Similar Part No. - EPA3091

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3093 PCA-EPA3093 Datasheet
19Kb / 1P
T3/DS3/STS-1 Transformer
More results

Similar Description - EPA3091

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com