Electronic Components Datasheet Search
  English  ▼

X  

EPA3135 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3135
Description  T3/DS3/E3/STS-1 Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3135 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3135 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSA3135
Rev. -
11/25/98
E L E C T R O N I C S I N C .
Package
Dimensions
A
B
C
D
E
F
G
H
I
(J)
K
L
M
N
P
Q
Dim.
Min.
.310
.310
.210
---
.015
---
.420
.022
.012
---
8
°
.050
---
---
---
---
Max.
Nom.
(Inches)
(Millimeters)
7.36
7.36
4.83
---
.254
---
10.16
.457
.203
---
0
°
.762
---
---
---
---
Min.
7.87
7.87
5.33
---
.381
---
10.67
.559
.305
---
8
°
1.27
---
---
---
---
Max.
Nom.
.290
.290
.190
---
.010
---
.400
.018
.008
---
0
°
.030
---
---
---
---
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Electrical Parameters @ 25
° C
T3/DS3/E3/STS-1 Transformer
• Robust design withstands soldering processes •
• Complies with or exceeds IEEE Requirements •
EPA3135
0.12
Leakage Inductance
(
µH Max.)
@ 1 MHz, 20m Vrms
(Pins 2-6, Pins 1-5 shorted)
Primary Inductance
(
µH Min.)
@ 1 MHz, 20m Vrms
(Pins 2-6)
40
Interwinding Capacitance
(pF Max.)
13
@ 1 MHz, 20m Vrms
Schematic
.300
.300
.200
.200
.013
.100
.410
.020
.010
.060
---
.040
.030
.100
.070
.430
7.62
7.62
5.08
5.08
.318
2.54
10.41
.508
.254
1.52
---
1.02
.762
2.54
1.78
10.92
Solder
Pad
Layout
PCA
EPA3135
Date Code
A
B
C
D
E
F
G
H
I
(J)
K
L
M
N
P
Q
Pin 1
I. D.
Product performance is limited to specified parameters. Data is subject to change without prior notice.
2
6
1
3
Pri.
Sec.
1:1
± 3%
Hipot
(Vrms)
1500
Primary to Secondary


Similar Part No. - EPA3135

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA313-10 PCA-EPA313-10 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL High Speed Delay Line
EPA313-10 PCA-EPA313-10 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL High Speed Delay Line
EPA313-100 PCA-EPA313-100 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL High Speed Delay Line
EPA313-100 PCA-EPA313-100 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL High Speed Delay Line
EPA313-11 PCA-EPA313-11 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL High Speed Delay Line
More results

Similar Description - EPA3135

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT75426 BOURNS-PT75426 Datasheet
135Kb / 1P
T3/DS3/E3/STS-1 Transformer
logo
PCA ELECTRONICS INC.
EPA3134 PCA-EPA3134 Datasheet
21Kb / 1P
T3/DS3/E3/STS-1 Transformer
EPA3133G PCA-EPA3133G Datasheet
21Kb / 1P
T3/DS3/E3/STS-1 Transformer
EPA3582 PCA-EPA3582 Datasheet
16Kb / 1P
T3/DS3/E3/STS-1 Transformer
logo
Bothhand USA, LP.
S5662 BOTHHAND-S5662 Datasheet
25Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5663 BOTHHAND-S5663 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5664 BOTHHAND-S5664 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5779 BOTHHAND-S5779 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5969 BOTHHAND-S5969 Datasheet
246Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3582G_0609 PCA-EPA3582G_0609 Datasheet
19Kb / 1P
T3/DS3/E3/STS-1 Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com