Electronic Components Datasheet Search
  English  ▼

X  

EPA3372S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3372S
Description  T1/CEPT/ISDN-PRI Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3372S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3372S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• *Measured @ 100 KHz, 0.1 Vrms •
• †Reflects increased isolation between windings •
Pins 11-9
Primary Inductance
(mH Min.) (*)
DCR
(
Ω Max.)
Turns Ratio
(±5%)
0.90
Interwinding Capacitance
(pF Max.)
Leakage Inductance
(µH Max.) (†)
1CT:1.41CT
A
B
Electrical Parameters @ 25° C
T1/CEPT/ISDN-PRI Transformer
CSA3372S
Rev. -
4/15/97
• Optimized for Siemens PEB2254 Series T1/ISDN Controllers •
• Dual Transformer in SMD Package •
• High Isolation between Pri-Sec.(min 3kV) •
• For compliance with regulatory specifications, •
contact PCA Quality Department
• Package in Tubes. Tape and Reel Optional •
Schematic
EPA3372S
E L E C T R O N I C S I N C .
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
.505
.280
.325
Typ.
.015
Typ.
.370
.022
Typ.
Typ.
8°
.045
Max.
.030
.050
.055
.400
Nom.
(Inches)
(Millimeters)
12.32
6.60
7.75
8.89
.127
1.27
8.89
.406
.254
1.85
0°
.635
Min.
12.83
7.11
8.26
Typ.
.381
Typ.
9.40
.559
Typ.
Typ.
8°
1.14
Max.
.762
1.27
1.40
10.16
Nom.
.485
.260
.305
.350
.005
.050
.350
.016
.010
.073
0°
.025
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
0.70
Pri. A
Sec. A
Package
F
H
C
E
G
K
L
I
PCA
EPA3372S
D.C.
A
B
J
D
Solder Pad
Layout
Q
N
M
P
A
Sec
6
7
8
11
10
9
B
Pri
Sec
1
2
3
16
15
14
Pri
0.90
0.70
Pri. B
Sec. B
30
30
A
B
0.95
0.95
A
B
1.0
Pins 16-14
1.0
1CT:1.41CT
Pin 1
I.D.


Similar Part No. - EPA3372S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3379 PCA-EPA3379 Datasheet
46Kb / 1P
Output Power Transformer
More results

Similar Description - EPA3372S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
T1/CEPT/ISDN-PRI Transformer
PT74344 BOURNS-PT74344 Datasheet
143Kb / 1P
T1/CEPT/ISDN-PRI Transformer
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
T1/CEPT/ISDN-PRI Transformer
logo
XFMRS Inc.
XF9030 XFMRS-XF9030 Datasheet
62Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bothhand USA, LP.
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S8887 BOTHHAND-S8887 Datasheet
68Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S1308M BOTHHAND-S1308M Datasheet
75Kb / 1P
T1/ CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com