Electronic Components Datasheet Search
  English  ▼

X  

EPA3379 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3379
Description  Output Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3379 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3379 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.5
DC Current
(Amp)
DCR
(
Ω Max.)
0.56
SRF
(MHz Typ.)
1
Electrical Parameters @ 25° C
Output Power Transformer
CSA3379
Rev. -
6/6/97
• Class 130 •
EPA3379
E L E C T R O N I C S I N C .
Dimensions
A
B
C
D
G
H
I
J
Dim.
Min.
1.40
.900
1.40
Typ.
Typ.
.039
.039
.250
Max.
Nom.
(Inches)
(Millimeters)
30.48
17.78
25.40
22.86
15.24
.838
.838
3.81
Min.
35.56
22.86
35.56
Typ.
Typ.
.991
.991
6.35
Max.
Nom.
1.20
.700
1.00
.900
.600
.033
.033
.150
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
Package
977 ~ 1193
@ 10 KHz,
0.1Vrms
Inductance
w/o D.C. Bias
(µH)(1)
Pin 2, locating pin.
Pin 3, unused pin.
4
1
567
Inductance
w/ D.C. Bias
(µH Min.)
A
J
B
D
C
G
H
I
12
2
PCA
EPA3379
D.C.
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPA3379

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3372S PCA-EPA3372S Datasheet
23Kb / 1P
T1/CEPT/ISDN-PRI Transformer
More results

Similar Description - EPA3379

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JT-123-SLCF ETC1-JT-123-SLCF Datasheet
189Kb / 2P
LINE OUTPUT TRANSFORMER
LL1517 ETC1-LL1517 Datasheet
23Kb / 1P
Audio Output Transformer
logo
Filtran LTD
TFS2915 FILTRAN-TFS2915 Datasheet
26Kb / 1P
CEPT Output Transformer
TEW5615 FILTRAN-TEW5615 Datasheet
29Kb / 1P
CEPT Output Transformer
TEW5694 FILTRAN-TEW5694 Datasheet
27Kb / 1P
CEPT Output Transformer
logo
API Technologies Corp
6722 APITECH-6722 Datasheet
317Kb / 1P
Input/Output TransFormer
TEW5791 APITECH-TEW5791 Datasheet
569Kb / 1P
Input/Output Transformer
TEW4974 APITECH-TEW4974 Datasheet
572Kb / 1P
In/Output Transformer
TEW5389 APITECH-TEW5389 Datasheet
439Kb / 1P
In/Output Transformer
logo
Allied Components Inter...
AEI35-3883 ALLIED-AEI35-3883 Datasheet
5Mb / 1P
Line Output Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com