Electronic Components Datasheet Search
  English  ▼

X  

EPA3385 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3385
Description  Flyback Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3385 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3385 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1) Measured @ pins 1-2 @ 10 KHz, 0.1 Vrms.
2) Measured @ pins 1-2 with Sec wdgs shorted.
3) Measured between Pri wdg to Sec wdgs.
4) Measured between Pri/FB wdg to Sec wdg for 1 Min.
1000 Vrms for 1 Min. between Pri wdg to FB wdg.
Notes
Schematic
Hipot
(Vrms)(4)
100
1.85
Interwinding
Capacitance
(pF Typ.) (3)
Leakage
Inductance
(µH Typ.)(2)
1100
Primary ET
(VµS Typ.)
DCR
(
Ω Typ.)
2000
-----
Power Output
(Watt Max.)
120
Primary
Inductance
(µH ± 10%)(1)
.060
3-4
.280
1-2
Electrical Parameters @ 25° C
Flyback Transformer
CSA3385
Rev. -
8/14/97
• Operating Temp. from 50°C to 85°C •
EPA3385
E L E C T R O N I C S I N C .
Dimensions
A
B
C
D
E
F
G
H
I
J
K
Dim.
Min.
1.50
1.35
1.20
1.01
.050
.210
.880
Typ.
Typ.
.185
.160
Max.
Nom.
(Inches)
(Milimeters)
---
---
---
25.15
.762
4.83
21.84
.635
.635
4.19
3.56
Min.
38.10
34.29
30.48
25.65
1.27
5.33
22.35
Typ.
Typ.
4.70
4.06
Max.
Nom.
---
---
---
.990
.030
.190
.860
.025
.025
.165
.140
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Materials meet Class 130 •
10-11-12
.015
Package
12
K (1 plc.)
F
D
16
7
C
J
E
A
I
Pin 1
I.D.
4
1
3
2
10
12
11
G
H
B
PCA
EPA3385
D. C.


Similar Part No. - EPA3385

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3386S PCA-EPA3386S Datasheet
23Kb / 1P
Miniature T1/CEPT/ISDN-PRI Transformer
EPA3386S-RC PCA-EPA3386S-RC Datasheet
23Kb / 1P
Miniature T1/CEPT/ISDN-PRI Transformer
EPA3387S PCA-EPA3387S Datasheet
59Kb / 1P
Miniature T1/CEPT/ISDN-PRI Transformer
More results

Similar Description - EPA3385

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
PCA ELECTRONICS INC.
EPA3869 PCA-EPA3869 Datasheet
38Kb / 1P
Flyback Transformer
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
Flyback Transformer
EPC3040 PCA-EPC3040 Datasheet
41Kb / 1P
Flyback Transformer
logo
Coilcraft lnc.
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
Flyback Transformer
C1099-AL COILCRAFT-C1099-AL Datasheet
204Kb / 1P
Flyback Transformer
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com