Electronic Components Datasheet Search
  English  ▼

X  

EPA3386S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3386S
Description  Miniature T1/CEPT/ISDN-PRI Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3386S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3386S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Miniature T1/CEPT/ISDN-PRI Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Robust design allows for toughest soldering processes
• Add “-RC” after part number for RoHS Compliant
• Small outline package on 0.050” pitch
• 1500 Vrms Isolation
EPA3386S & EPA3386S-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA3386S & -RC
Rev. Orig1
3/6/06 JDG
Package
.050
(1.27)
.016/.022
(.406/.559)
.190
(4.83)
.005/.015
(.127/.381)
.380
(9.65)
0°-8°
.035
(.889)
.008/.012
(.203/.305)
PCA
EPA3386S(-RC)
Date Code
.490
(12.45)
.270
(6.86)
.070
(1.78)
.350
(8.89)
Solder Pad
Layout
.400
(10.16)
.050
(1.27)
.030
(.762)
.055
(1.40)
Pin 1
I.D.
1.2
DCR
(
Ω Max.)
0.7
30
Interwinding Capitance
(pF Max.)
@ 100 KHz, 0.1Vrms
0.6
@ 100 KHz, 0.1Vrms
Leakage Inductance
(µH Min.)
Primary Inductance
(µH Min.)
@ 100 KHz, 0.1Vrms
1.2
Sec.
Pri.
Schematic
11
9
10
6
8
7
1CT:2CT
T2
Pri
Sec
1
3
2
T1
1CT:2CT
16
14
15
Pri
Sec
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPA3386S-RC
Matte Tin
260°C
TBD grams
TBD pieces/tube
TBD pieces/13” reel
(*EPA3386S-RCTR)
EPA3386S
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
TBD grams
TBD pieces/tube
TBD pieces/13” reel
(*EPA3386S-TR)
SnPb


Similar Part No. - EPA3386S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3385 PCA-EPA3385 Datasheet
46Kb / 1P
Flyback Transformer
EPA3387S PCA-EPA3387S Datasheet
59Kb / 1P
Miniature T1/CEPT/ISDN-PRI Transformer
More results

Similar Description - EPA3386S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bourns Electronic Solut...
PT74263N BOURNS-PT74263N Datasheet
138Kb / 1P
T1/CEPT/ISDN-PRI Transformer
PT74344 BOURNS-PT74344 Datasheet
143Kb / 1P
T1/CEPT/ISDN-PRI Transformer
SM74120 BOURNS-SM74120 Datasheet
180Kb / 1P
T1/CEPT/ISDN-PRI Transformer
logo
PCA ELECTRONICS INC.
EPA3387S PCA-EPA3387S Datasheet
59Kb / 1P
Miniature T1/CEPT/ISDN-PRI Transformer
EPA3424S PCA-EPA3424S Datasheet
43Kb / 1P
Miniature T1/CEPT/ISDN-PRI Transformer
logo
XFMRS Inc.
XF9030 XFMRS-XF9030 Datasheet
62Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Bothhand USA, LP.
S4993S BOTHHAND-S4993S Datasheet
53Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S4995B BOTHHAND-S4995B Datasheet
43Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S5835 BOTHHAND-S5835 Datasheet
21Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com