Electronic Components Datasheet Search
  English  ▼

X  

EPA3418 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3418
Description  Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3418 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3418 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Inductance
(uH)
DCR
(
Ω Max.)
Electrical Parameters @ 25° C
Inductor
CSA3418
Rev. 1 -
4/12/99
• Class 130 •
Schematic
EPA3418
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
31.32-39.86
Nom.
---
---
---
---
Nom.
B
C
E
H
Dim.
Min.
.230
.530
.560
.017
Max.
(Inches)
(Millimeters)
4.83
12.95
12.70
.356
Min.
5.84
13.46
14.22
.432
Max.
.190
.510
.500
.014
Dimensions
1
2
.12
33 Typ.
Package
H
C
B
E
2
1
@ 10KHz, .1Vrms 0 Adc
@ 10 KHz, .1Vrms 1Adc
---
---
---
---
A
B
Product performance is limited to specified parameters. Data is subject to change without prior notice.
E L E C T R O N I C S I N C .


Similar Part No. - EPA3418

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3415 PCA-EPA3415 Datasheet
55Kb / 1P
ISDN U-Interface Transformer
More results

Similar Description - EPA3418

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-504 RHOMBUS-IND-L-504 Datasheet
39Kb / 1P
INDUCTOR
05/03/01
L-687 RHOMBUS-IND-L-687 Datasheet
17Kb / 1P
INDUCTOR
09/08/00
L-705 RHOMBUS-IND-L-705 Datasheet
38Kb / 1P
INDUCTOR
6/26/01
logo
KR Electronics, Inc.
2224 KR-2224 Datasheet
19Kb / 1P
Inductor
logo
XFMRS Inc.
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
INDUCTOR
XF1606T-XXX XFMRS-XF1606T-XXX Datasheet
45Kb / 1P
INDUCTOR
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
INDUCTOR
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
XFMRS Inc.
1XF0100-VO XFMRS-1XF0100-VO Datasheet
51Kb / 1P
INDUCTOR
6XFXXX6-S3P XFMRS-6XFXXX6-S3P Datasheet
58Kb / 1P
INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com