Electronic Components Datasheet Search
  English  ▼

X  

EPA3522 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3522
Description  Isolation Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3522 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3522 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.7
0.6
Interwinding
Capacitance
(pF Max.)
Leakage
Inductance
(uH Max.)
DCR
(
Ω Max.)
50
Primary
Inductance
(mH ± 30%)
Electrical Parameters @ 25° C
Isolation Transformer
CSA3522
Rev. -
9/18/98
• Telecom Application •
• 500 Vrms Isolation •
• Ratio 1:1 ± 2% •
EPA3522
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
1.0
.395
.245
.240
.300
.040
.340
.045
4°
.092
.300
.245
.337
Nom.
10.29
---
6.35
---
---
8.89
---
8°
---
---
---
---
10.03
6.22
6.10
7.62
1.02
8.64
1.14
4°
2.34
7.62
6.22
8.56
Nom.
.385
---
.230
---
---
.330
---
0°
---
---
---
---
Dimensions
A
B
C
D
E
G
H
K
M
N
P
Q
Dim.
Min.
.405
---
.250
---
---
.350
---
8°
---
---
---
---
Max.
(Inches)
(Millimeters)
9.78
---
5.84
---
---
8.38
---
0°
---
---
---
---
Min.
Max.
Schematic
1
2
3
4
Package
@ 100 KHz
20m Vrms
@ 100 KHz
20m Vrms
@ 100 KHz
20m Vrms
@ Pins 1-2
@ Pins 1-2 with
Pins 3-4 shorted
Between Pins 1-2
and Pins 3-4
@ Pins 1-2 or Pins 3-4
PCA
EPA3522
D.C.
A
B
C
D
E
H
G
M
Q
K
N
Pin 1
I.D.
43
12
Product performance is limited to specified parameters. Data is subject to change without prior notice.
M
P


Similar Part No. - EPA3522

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3521S PCA-EPA3521S Datasheet
21Kb / 1P
T1/E1 Transformer
EPA3527G PCA-EPA3527G Datasheet
25Kb / 1P
T1/E1 Transformer Module
EPA3529S PCA-EPA3529S Datasheet
21Kb / 1P
T1/E1 Transformer
More results

Similar Description - EPA3522

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
Isolation Transformer
EPA4076G PCA-EPA4076G Datasheet
19Kb / 1P
Isolation Transformer
logo
XFMRS Inc.
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
Isolation Transformer
XFADSL37S XFMRS-XFADSL37S Datasheet
79Kb / 1P
Isolation Transformer
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
Isolation Transformer
XFADSL29S XFMRS-XFADSL29S_15 Datasheet
55Kb / 1P
ISOLATION TRANSFORMER
XFADSL35S XFMRS-XFADSL35S_15 Datasheet
80Kb / 1P
ISOLATION TRANSFORMER
XFADSL37S XFMRS-XFADSL37S_15 Datasheet
79Kb / 1P
ISOLATION TRANSFORMER
XFADSL43S XFMRS-XFADSL43S_15 Datasheet
73Kb / 1P
ISOLATION TRANSFORMER
XFADSL45S XFMRS-XFADSL45S_15 Datasheet
82Kb / 1P
ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com