Electronic Components Datasheet Search
  English  ▼

X  

EPA3582 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3582
Description  T3/DS3/E3/STS-1 Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3582 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3582 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T3/DS3/E3/STS-1 Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Through Hole Package
• 3000 Vrms Isolation with Reinforced Insulation
• Operating Temperature Range : -40˚C to +85˚C
• Add “-LF” after part number for Lead Free
EPA3582 & EPA3582-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA3582 & -LF Rev. Orig2 6/5/06 FT
Electrical Parameters @ 25°C
.15
Leakage
Inductance
(µH Max.)
1:1CT
Turns Ratio
(± 5%)
Interwinding
Capacitance
(pF Max.)
5
250
Primary
Inductance
(µH Min.)
Primary
DCR
(
Ω Max.)
.35
Package
.075/.085
(1.91/2.16)
.240
(6.10)
.400
(10.16)
.130
(3.30)
.200
(5.08)
.017/.023
(.440/.580)
2
1
PCA
EPA3582(-LF)
D.C.
5
.340
(8.64)
.490
(12.45)
6
•
•
4
.100
(2.54)
Schematic
1
2
6
5
4
Pin 3 Not Connected
Notes :
1. Lead Finish
2. Peak Solder Rating
(for wave solder process Only)
4. Weight
5. Packaging Information
(Tube)
EPBA3582
SnPb
225°C
TBD grams
TBD pcs / tube
EPA3582-LF
Hot Tin Dip (Sn)
260°C
TBD grams
TBD pcs / tube


Similar Part No. - EPA3582

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3582G PCA-EPA3582G Datasheet
18Kb / 1P
T3/DS3/E3/STS-1 Transformer
EPA3582G-RC PCA-EPA3582G-RC Datasheet
18Kb / 1P
T3/DS3/E3/STS-1 Transformer
EPA3582G-RC PCA-EPA3582G-RC Datasheet
19Kb / 1P
T3/DS3/E3/STS-1 Transformer
EPA3582G_0609 PCA-EPA3582G_0609 Datasheet
19Kb / 1P
T3/DS3/E3/STS-1 Transformer
More results

Similar Description - EPA3582

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT75426 BOURNS-PT75426 Datasheet
135Kb / 1P
T3/DS3/E3/STS-1 Transformer
logo
PCA ELECTRONICS INC.
EPA3134 PCA-EPA3134 Datasheet
21Kb / 1P
T3/DS3/E3/STS-1 Transformer
EPA3133G PCA-EPA3133G Datasheet
21Kb / 1P
T3/DS3/E3/STS-1 Transformer
logo
Bothhand USA, LP.
S5662 BOTHHAND-S5662 Datasheet
25Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5663 BOTHHAND-S5663 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5664 BOTHHAND-S5664 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5779 BOTHHAND-S5779 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5856 BOTHHAND-S5856 Datasheet
246Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5969 BOTHHAND-S5969 Datasheet
246Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3582G_0609 PCA-EPA3582G_0609 Datasheet
19Kb / 1P
T3/DS3/E3/STS-1 Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com