Electronic Components Datasheet Search
  English  ▼

X  

EPA3869 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3869
Description  Flyback Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3869 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3869 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSA3869
Rev. -
4/16/02
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Primary Specification
Flyback Transformer
Product performance is limited to specific parameters. Data subject to change without prior notice.
• Used in SMPS-Flyback Topology •
• Bobbin : UL94V-0 Recognized Materials •
• UL 1446 Class B Insulation System •
• Gapped Transformer •
• Low Core Loss Materials •
• Works up to 200 KHz Switching Frequency •
Dielectric Rating
(Vac)
500
Pri. to Sec. Wdg’s
TBD
Pins 1,2-3,4 All
other wdg’s shorted
Leakage Inductance
(µH Max.)
@ 100 KHz,
0.1 Vrms
Inductance
(µH ± 10%)
@ 100 KHz,
0.1 Vrms
150
Pins
1-3,2-4
Schematic
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
EPA3869
DCR
(
Ω Max.)
1.8
Pins
1-3,2-4
5.5
Pins
7-5,8-6
77:77
Pins
1-3:2-4
77:140:140
Pins
1-3:7-5:8-6
Turns
Ratio
Package
.070
Typ.
(1.80)
.126
(3.20)
.500
Max.
(12.70)
.450
Max.
(11.43)
PCA
EPA3869
D.C.
85
14
.500 Max.
(12.70)
.018
(.450)
.300
(7.62
Pin # 1
I.D.
.100
(2.54)
.300
(7.62)
.039
(1.00
.100
(2.54
8
6
4
3
1
2
7
5
70 Vdc
70 Vdc
70 Vdc


Similar Part No. - EPA3869

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3865 PCA-EPA3865 Datasheet
38Kb / 1P
Power Inductor
EPA3866GE PCA-EPA3866GE Datasheet
22Kb / 1P
Splitter/ Combiner
More results

Similar Description - EPA3869

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
PCA ELECTRONICS INC.
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
Flyback Transformer
EPC3040 PCA-EPC3040 Datasheet
41Kb / 1P
Flyback Transformer
logo
Coilcraft lnc.
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
Flyback Transformer
C1099-AL COILCRAFT-C1099-AL Datasheet
204Kb / 1P
Flyback Transformer
CJ5143-AL COILCRAFT-CJ5143-AL Datasheet
176Kb / 1P
Flyback Transformer
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com