Electronic Components Datasheet Search
  English  ▼

X  

EPA3874 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3874
Description  RF Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3874 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3874 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.200
(5.08)
Pins 2 & 5 Not Connected
Electrical Parameters @ 25° C
RF Transformer
CSA3874
Rev. -
4/8/02
Schematic
EPA3874
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Insertion Loss
(dB)
.01-150
Frequency Range
(MHz)
Impedance Ratio
• UL 94V-0 Recognized Material •
• UL 1446 Class B Insulation System •
• Excellent Insertion & Return Loss •
• Robust construction to withstand toughest soldering processes •
Product performance is limited to specified parameters. Data is subject to change without prior notice.
.01-150 MHz
32
.02-100 MHz
1
.05-50 MHz
1
3
6
4
1:1
Package
.010
Typ.
(.254)
.360 Typ.
(9.14)
PCA
EPA3874
D.C.
.310 Max.
(7.87)
.050 Typ.
(1.27)
.280
Max.
(7.11)
Pin 1
I.D.
.100
(2.54)
.020
(.510)
.240 Max.
(6.10)
.010
(.254)
1:1
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25


Similar Part No. - EPA3874

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
Power Transformer
EPA3877G PCA-EPA3877G Datasheet
27Kb / 1P
Wideband RF Transformer
EPA3877G-LF PCA-EPA3877G-LF Datasheet
27Kb / 1P
Wideband RF Transformer
EPA3877G PCA-EPA3877G_15 Datasheet
27Kb / 1P
Wideband RF Transformer
More results

Similar Description - EPA3874

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com