Electronic Components Datasheet Search
  English  ▼

X  

EPA3876G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3876G
Description  Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3876G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3876G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformer
CSA3876G
Rev. 1
5/21/02
• Used in Flyback Topology •
• Bobbin : UL 94V-0 Recognized Material •
• UL 1446 Class B Insulation System •
• Low Core Loss Materials •
• Works up to 1 MHz Switching Frequency •
• Surface Mount Package •
Package
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
EPA3876G
Primary Specification @ 25°C
Inductance
(µH ± 10%)
126
@ 10 KHz
0.1 Vrms
Pins
1-2
DCR
(
Ω Max.)
.035
Pins
1-12,12-2
.125
Pins
3-10
Pins
4-9,5-8,6-7
.006
Leakage Inductance
(µH Max.)
1.26
@ 100 KHz
0.1 Vrms
Pins 1-2 with all
other Wdg’s shorted
Dielectric Rating
(Vdc)
500
Pri. to Sec.
Winding
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Schematic
Turns Ratio
1:1:.9:.3:.3:.3
Pins 1-12:12-2:3-10:4-9:5-8:6-7
.738
(18.75)
1.020 Max.
(25.91)
.035
(.890)
0°-8°
.010
(.250)
.520
Max.
(13.21)
.016
(.400)
1.028 Max.
(26.11)
.148
(3.75)
1.236
(31.40)
12
1
7
6
.039
(1.00)
.148
(3.75)
1.300
(33.02)
.065
(1.65)
PCA
EPA3876G
D.C.
5
4
8
9
6
7
3
1
10
12
2
Pin 1
I.D.


Similar Part No. - EPA3876G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3874 PCA-EPA3874 Datasheet
20Kb / 1P
RF Transformer
EPA3877G PCA-EPA3877G Datasheet
27Kb / 1P
Wideband RF Transformer
EPA3877G-LF PCA-EPA3877G-LF Datasheet
27Kb / 1P
Wideband RF Transformer
EPA3877G PCA-EPA3877G_15 Datasheet
27Kb / 1P
Wideband RF Transformer
More results

Similar Description - EPA3876G

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
logo
List of Unclassifed Man...
F-193U ETC2-F-193U Datasheet
52Kb / 1P
POWER TRANSFORMER
F-229X ETC2-F-229X Datasheet
50Kb / 1P
POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
POWER TRANSFORMER
logo
XFMRS Inc.
XF0056-EE5S XFMRS-XF0056-EE5S Datasheet
39Kb / 1P
POWER TRANSFORMER
logo
Hammond Manufacturing L...
269EX HAMMOND-269EX Datasheet
215Kb / 1P
POWER TRANSFORMER
382X HAMMOND-382X Datasheet
307Kb / 1P
POWER TRANSFORMER
291AX HAMMOND-291AX Datasheet
243Kb / 1P
power transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com