Electronic Components Datasheet Search
  English  ▼

X  

EPA445-13 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA445-13
Description  8 Pin DIP Dual TTL Compatible Active Delay Lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA445-13 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA445-13 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
8 Pin DIP Dual
TTL Compatible Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPA445-XX & EPA445-XX-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA445-XX & -LF
Rev. 2
1/29/08 RR
Add “-LF” after part number for Lead-Free
Delay Time *
5 ± 1
6 ± 1
7 ± 1
8 ± 1
9 ± 1
10 ± 1.5
11 ± 1.5
12 ± 1.5
13 ± 1.5
14 ± 1.5
15
16
17
PCA
Part Number
EPA445-5(-LF)
EPA445-6(-LF)
EPA445-7(-LF)
EPA445-8(-LF)
EPA445-9(-LF)
EPA445-10(-LF)
EPA445-11(-LF)
EPA445-12(-LF)
EPA445-13(-LF)
EPA445-14(-LF)
EPA445-15(-LF)
EPA445-16(-LF)
EPA445-17(-LF)
Recommended Operating Conditions
VCC Supply Voltage
VIH
High-Level Input Voltage
VIL
Low-Level Input Voltage
IIK
Input Clamp Current
IOH
High-Level Output Current
IOL
Low-Level Output Current
PW*
Pulse Width of Total Delay
d*
Duty Cycle
TA
Operating Free-Air Temperature
Min.
4.75
2.0
40
0
Max.
5.25
0.8
-18
-1.0
20
40
+70
Unit
V
V
V
mA
mA
mA
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate
3.2
110
2.0
1.0
Unit
Volts
%
nS
MHz
VCC Supply Voltage
5.0
Volts
DC Electrical Characteristics
Parameter
Test Conditions
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
VIK
Input Clamp Voltage
VCC = min. II = II K
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
VCC = max. VIN = 5.25V
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
Min.
2.7
-40
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
ICCL Low-Level Supply Current
VCC = max. VIN = 0
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
Max.
0.5
-1.2
50
1.0
-2
-100
90
90
4
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL Load
Unit
V
V
V
µA
mA
mA
mA
nS
mA
mA
Notes :
2. Peak Solder Rating
(Wave Solder Process)
4. Weight
1. Lead Finish
5. Packaging Information
(Tube)
EPA445-XX-LF
260°C
10 (+2/-0) seconds
TBD grams
Hot Tin Dip (Sn)
TBD pieces/tube
EPA445-XX
260°C
10 (+2/-0) seconds
TBD grams
SnPb
TBD pieces/tube
Package
.500 Max.
(12.70)
PCA
EPA445-X(-LF)
D.C.
.120 Min,
(3.05))
.020
Typ.
(.508)
.250 Max.
(6.35)
.020
Typ.
(.508)
White Dot
Pin#1
.365
Max.
(9.27)
.010
Typ.
(.254)
.100
(2.54)
.280
Max.
(7.11)
.100
(2.54)
All unused pins are omitted
Schematic
Delay Time *
18
19
20
21
22
23
24
25
30
35
40
45
50
PCA
Part Number
EPA445-18(-LF)
EPA445-19(-LF)
EPA445-20(-LF)
EPA445-21(-LF)
EPA445-22(-LF)
EPA445-23(-LF)
EPA445-24(-LF)
EPA445-25(-LF)
EPA445-30(-LF)
EPA445-35(-LF)
EPA445-40(-LF)
EPA445-45(-LF)
EPA445-50(-LF)
Delay Time *
55
60
65
70
75
80
85
90
95
100
150
200
250
PCA
Part Number
EPA445-55(-LF)
EPA445-60(-LF)
EPA445-65(-LF)
EPA445-70(-LF)
EPA445-75(-LF)
EPA445-80(-LF)
EPA445-85(-LF)
EPA445-90(-LF)
EPA445-95(-LF)
EPA445-100(-LF)
EPA445-150(-LF)
EPA445-200(-LF)
EPA445-250(-LF)
Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load.
* Unless otherwise specified, delay tolerance is ± 2 nS or ± 5%, whichwver is greater.
7
5
4
GROUND
8
VCC
1
3


Similar Part No. - EPA445-13

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA445-13(-LF) PCA-EPA445-13(-LF) Datasheet
20Kb / 1P
8 Pin DIP Dual TTL Compatible Active Delay Lines
More results

Similar Description - EPA445-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP9206-005 ETC2-EP9206-005 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EP9206-005 PCA-EP9206-005 Datasheet
55Kb / 1P
14 Pin DIP Triple TTL Compatible Active Delay Lines
EP9734-5 PCA-EP9734-5 Datasheet
22Kb / 1P
14 Pin DIP Quad TTL Compatible Active Delay Lines
EPA249-5 PCA-EPA249-5 Datasheet
30Kb / 1P
8 Pin Triple TTL Compatible Active Delay Lines
EPA509-5 PCA-EPA509-5 Datasheet
20Kb / 1P
8 Pin DIP Dual Fast Logic TTL Compatible Active Delay Lines
EP9206 PCA-EP9206_15 Datasheet
55Kb / 1P
14 Pin DIP Triple TTL Compatible Active Delay Lines
EP9734 PCA-EP9734_15 Datasheet
22Kb / 1P
14 Pin DIP Quad TTL Compatible Active Delay Lines
EPA249 PCA-EPA249_15 Datasheet
30Kb / 1P
8 Pin Triple TTL Compatible Active Delay Lines
EPA445 PCA-EPA445_15 Datasheet
20Kb / 1P
8 Pin DIP Dual TTL Compatible Active Delay Lines
EPA770 PCA-EPA770_15 Datasheet
21Kb / 1P
8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com