Electronic Components Datasheet Search
  English  ▼

X  

EPB5116 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5116
Description  Coupled Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5116 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5116 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
Coupled Inductor
CSB5116
Rev. 2
11/9/00
• Designed for ADSL POTS Low Pass Filters •
• Inductance is stable within ± 10% with DC Current •
from 0 mA to 100 mA
• Isolation : 1500Vrms •
EPB5116
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Package
Product performance is limited to specified parameters. Data is subject to change without prior notice.
5
110
6
Schematic
Pins 1-5
Inductance
(mH ± 5%)
3
@ 1 KHz, 0.1 Vrms
Resonant Frequency
(KHz Min.)
220
Pins 1-5
Interwinding Capacitance
(pF Max.)
@ 100 KHz, 0.1 Vrms
Pins 1-5 to Pins 6-10
5
2.5
Pins 1-5 & Pins 6-10
DCR
(
Ω Max.)
---
1 : 1
Pri.
Sec.
D
F
C
E
HØ
G
15
Pin 1
I.D.
PCA
EPB5116
D.C.
A
B
10
6
.520
.520
.490
.400
.150
.100
.400
.020
Nom.
13.20
13.20
12.44
10.16
3.81
2.54
10.16
.508
Nom.
---
---
---
---
.120
---
---
---
Dimensions
A
B
C
D
E
F
G
H
Dim.
Min.
.550
.550
.500
---
---
---
---
---
Max.
(Inches)
(Millimeters)
---
---
---
---
3.05
---
---
---
Min.
Max.
13.97
13.97
12.70
---
---
---
---
---


Similar Part No. - EPB5116

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5111G PCA-EPB5111G Datasheet
20Kb / 1P
ADSL Transformer
EPB5112G PCA-EPB5112G Datasheet
29Kb / 1P
Low Pass Filter for Cable Modem Applications
EPB5117G PCA-EPB5117G Datasheet
19Kb / 1P
VDSL Hybrid / Filter Module
EPB5117G-RC PCA-EPB5117G-RC Datasheet
19Kb / 1P
VDSL Hybrid / Filter Module
EPB5118G PCA-EPB5118G Datasheet
19Kb / 1P
VDSL Hybrid / Filter Module
More results

Similar Description - EPB5116

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3723G PCA-EPA3723G Datasheet
39Kb / 1P
Coupled Inductor
EPA3727 PCA-EPA3727 Datasheet
37Kb / 1P
Coupled Inductor
EPA3725G PCA-EPA3725G Datasheet
39Kb / 1P
Coupled Inductor
EPB5175G PCA-EPB5175G Datasheet
25Kb / 1P
Coupled Inductor
EPC3009 PCA-EPC3009 Datasheet
44Kb / 1P
Coupled Inductor
EPZ3036GE PCA-EPZ3036GE Datasheet
36Kb / 1P
Coupled Inductor
logo
Coilcraft lnc.
JA4590-AL COILCRAFT-JA4590-AL Datasheet
127Kb / 1P
Coupled Inductor
NA5880-AE COILCRAFT-NA5880-AE Datasheet
253Kb / 1P
Coupled Inductor
NA5880 COILCRAFT-NA5880_15 Datasheet
253Kb / 1P
Coupled Inductor
logo
XFMRS Inc.
XF0336-EP7S XFMRS-XF0336-EP7S Datasheet
68Kb / 1P
Coupled Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com