Electronic Components Datasheet Search
  English  ▼

X  

EPB5151 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5151
Description  Coupled Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5151 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5151 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Coupled Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for ADSL POTS Low-Pass Filters
• Add “-LF” after part number for Lead Free
• Inductance is stable within ± 10% with
DC Current form 0 mA to 200 mA
• UL 1446 Class B Insulation System
• UL 94V-0 Recognized Components
• Isolation : 1500 Vrms
EPB5151 & EPB5151-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5151 & -LF
Rev. 3
7//10/06 Ft
Schematic
1:1
1
10
5
6
DCR
(
Ω Max.)
4
Pins 1-5 to Pins 6-10
4
Inductance
(mH ± 5%)
Pins 1-5
10 KHz, 0.1 Vrms
885
Leakage
Inductance
(µH Typ.)
Pins 1-5 w/ 6-10 shorted
10 KHz, 0.1 Vrms
3
Interwinding
Capacitance
(pF Typ.)
Pins 1-5 to Pins 6-10
10 KHz, 0.1 Vrms
.400
(10.16)
.100
(2.54)
.500
Max.
(12.70)
.150 (3.81)
.020 Ø
(.508)
.400
(10.16)
6
10
.550
Max.
(13.97)
.550
Max.
(13.97)
1
5
Pin 1
I.D.
.400
(10.16)
6
10
1
5
.100
(2.54)
P.C. Pattern
(Component Side)
PCA
EPB5151(-LF)
D.C.
Package
Notes :
1. Lead Finish
2. Peak Solder Rating
(for wave solder process Only)
4. Weight
5. Packaging Information
(Tube)
EPB5151
SnPb
225°C
7.3 grams
TBD pcs / tube
EPB5151-LF
Hot Tin Dip (Sn)
260°C
7.33 grams
TBD pcs / tube


Similar Part No. - EPB5151

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5152G PCA-EPB5152G Datasheet
37Kb / 1P
ISDN Low-Pass Splitter Module
EPB5153G PCA-EPB5153G Datasheet
39Kb / 1P
VDSL Bandpass Filter Module
EPB5154G PCA-EPB5154G Datasheet
38Kb / 1P
VDSL Bandpass Filter Module
EPB5155G PCA-EPB5155G Datasheet
43Kb / 1P
VDSL High Pass / Low Pass Filter Modules
EPB5156G PCA-EPB5156G Datasheet
38Kb / 1P
VDSL Low-Pass Filter Module
More results

Similar Description - EPB5151

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3723G PCA-EPA3723G Datasheet
39Kb / 1P
Coupled Inductor
EPA3727 PCA-EPA3727 Datasheet
37Kb / 1P
Coupled Inductor
EPA3725G PCA-EPA3725G Datasheet
39Kb / 1P
Coupled Inductor
EPB5175G PCA-EPB5175G Datasheet
25Kb / 1P
Coupled Inductor
EPC3009 PCA-EPC3009 Datasheet
44Kb / 1P
Coupled Inductor
EPZ3036GE PCA-EPZ3036GE Datasheet
36Kb / 1P
Coupled Inductor
logo
Coilcraft lnc.
JA4590-AL COILCRAFT-JA4590-AL Datasheet
127Kb / 1P
Coupled Inductor
NA5880-AE COILCRAFT-NA5880-AE Datasheet
253Kb / 1P
Coupled Inductor
NA5880 COILCRAFT-NA5880_15 Datasheet
253Kb / 1P
Coupled Inductor
logo
XFMRS Inc.
XF0336-EP7S XFMRS-XF0336-EP7S Datasheet
68Kb / 1P
Coupled Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com