Electronic Components Datasheet Search
  English  ▼

X  

EPB5173 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5173
Description  Coupled Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5173 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5173 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Coupled Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for ADSL POTS Low Pass Filters
• Inductance stable within ± 15% with DC Current from 0 mA to 100 mA
• 1500 Vrms Isolation
Schematic
EPB5173
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5173
Rev. 3
3/19/03
Pins 2-4
Inductance
(mH ± 10%)
@ 0 DC
3.5
@ 10 KHz , 1 Vrms
DCR
(
Ω Max.)
Pins 2-4
Resonant Frequency
(KHz Min.)
200
Leakage Inductance
(µH Max.)
@ 1 KHz, 0.1 Vrms
210
Pins 2-4 w/ 9-8 shorted
3.9
Pins 9-8
3.2
Pins 2-4
250
Pins 2-4 to 9-8
@ 100 KHz, 0.1 Vrms
Interwinding Capacitance
(pF Max.)
• Dielectric Strenght : 1 mA Max. @ 1250 Vrms for 1 second •
2
9
4
8
Pri.
Sec.
1:1
.100
(2.54)
.120/.150
(3.05/3.81)
.500
Max.
(12.70)
.400
(10.16)
.400
(10.16)
.020 Ø
(.508)
Pin 1
I.D.
.550
Max.
(13.97)
.550
Max.
(13.97)
PCA
EPB5173
D.C.
.100
(2.54)
.400
(10.16)
10
7
5
1


Similar Part No. - EPB5173

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5170 PCA-EPB5170 Datasheet
45Kb / 1P
Analog Modem Transformer
EPB5172 PCA-EPB5172 Datasheet
26Kb / 1P
Wideband Transformer
EPB5174G PCA-EPB5174G Datasheet
40Kb / 1P
Home Phone Networking Analog Magnetics Module with 10 Base-T
EPB5175G PCA-EPB5175G Datasheet
25Kb / 1P
Coupled Inductor
More results

Similar Description - EPB5173

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3723G PCA-EPA3723G Datasheet
39Kb / 1P
Coupled Inductor
EPA3727 PCA-EPA3727 Datasheet
37Kb / 1P
Coupled Inductor
EPA3725G PCA-EPA3725G Datasheet
39Kb / 1P
Coupled Inductor
EPB5175G PCA-EPB5175G Datasheet
25Kb / 1P
Coupled Inductor
EPC3009 PCA-EPC3009 Datasheet
44Kb / 1P
Coupled Inductor
EPZ3036GE PCA-EPZ3036GE Datasheet
36Kb / 1P
Coupled Inductor
logo
Coilcraft lnc.
JA4590-AL COILCRAFT-JA4590-AL Datasheet
127Kb / 1P
Coupled Inductor
NA5880-AE COILCRAFT-NA5880-AE Datasheet
253Kb / 1P
Coupled Inductor
NA5880 COILCRAFT-NA5880_15 Datasheet
253Kb / 1P
Coupled Inductor
logo
XFMRS Inc.
XF0336-EP7S XFMRS-XF0336-EP7S Datasheet
68Kb / 1P
Coupled Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com