Electronic Components Datasheet Search
  English  ▼

X  

PS9115 Datasheet(PDF) 7 Page - NEC

Part # PS9115
Description  HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9115 Datasheet(HTML) 7 Page - NEC

Back Button PS9115 Datasheet HTML 3Page - NEC PS9115 Datasheet HTML 4Page - NEC PS9115 Datasheet HTML 5Page - NEC PS9115 Datasheet HTML 6Page - NEC PS9115 Datasheet HTML 7Page - NEC PS9115 Datasheet HTML 8Page - NEC PS9115 Datasheet HTML 9Page - NEC PS9115 Datasheet HTML 10Page - NEC PS9115 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet PN10267EJ05V0DS
7
PS9115
0
0.2
0.1
0.3
0.4
0.5
0
VCC = 5.0 V
1
2
3
4
5
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
–50
–25
0
25
50
75
100
Low Level Output Current IOL (mA)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
–50
–25
0
25
50
75
100
Ambient Temperature TA (˚C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
VCC = 4.5 V,
IF = 7.5 mA,
IOL = 8.0 mA
High Level Output Current IOH (mA)
HIGH LEVEL OUTPUT VOLTAGE vs.
HIGH LEVEL OUTPUT CURRENT
HIGH LEVEL OUTPUT VOLTAGE vs.
HIGH LEVEL OUTPUT CURRENT
High Level Output Current IOH (mA)
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
2.5
7.5
5
10
12.5 13
VCC = 4.5 V,
IF = 5.0 mA
0
0.2
0.1
0.3
0.4
0.5
TA = 85˚C
0˚C
25˚C
–1
–2
–3
–4
–5
0
2
1
3
4
5
VCC = 4.5 V,
VF = 0.8 V
TA = 85˚C
25˚C
0˚C
–35
–30
–25
–20
–15
–10
–5
0
2
1
3
4
VCC = 4.5 V,
IF = 250 A
μ
TA = 85˚C
0˚C
25˚C
0
40
20
60
5
1015202530
TA = 25˚C,
VCC = 5 V
tPHL
tPLH
PWD
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com