Electronic Components Datasheet Search
  English  ▼

X  

PS9115-V Datasheet(PDF) 4 Page - NEC

Part # PS9115-V
Description  HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9115-V Datasheet(HTML) 4 Page - NEC

  PS9115-V Datasheet HTML 1Page - NEC PS9115-V Datasheet HTML 2Page - NEC PS9115-V Datasheet HTML 3Page - NEC PS9115-V Datasheet HTML 4Page - NEC PS9115-V Datasheet HTML 5Page - NEC PS9115-V Datasheet HTML 6Page - NEC PS9115-V Datasheet HTML 7Page - NEC PS9115-V Datasheet HTML 8Page - NEC PS9115-V Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet PN10267EJ05V0DS
4
PS9115
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
High Level Input Current
IFH
7.5
12.5
mA
Low Level Input Voltage
VFL
0
0.8
V
Supply Voltage
VCC
4.5
5.0
5.5
V
TTL (loads)
N
3
Operating Ambient Temperature
TA
0
+85
°C
ELECTRICAL CHARACTERISTICS (TA = 0 to +85
°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.4
1.65
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C
30
pF
Detector High Level Output Current
*2
IOH
VCC = VO = 5.5 V, VF = 0.8 V
0.003
200
μA
High Level Output Voltage
VOH
VCC = 4.5 V, VF = 0.8 V, IOH =
−2 mA
2.4
3.0
V
Low Level Output Voltage
VOL
VCC = 4.5 V, IF = 7 mA, IOL = 8 mA
0.25
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA, VO = open
12
16
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA, VO = open
13
16
mA
High Level Output Short
Circuit Current
IOSH
VCC = 5.5 V, VO = GND, IF = 0 mA,
10 ms or less
−26
mA
Low Level Output Short
Circuit Current
IOSL
VCC = VO = 5.5 V, IF = 8 mA,
10 ms or less
34
mA
Coupled Threshold Input Current
IFHL
TA = 25
°C
2.3
5
mA
(H
→ L)
VCC = 5 V, VO = 0.6 V
6
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.6
pF
Propagation Delay Time
tPHL
TA = 25
°C
15
33
65
ns
(H
→ L)*3
VCC = 5 V, IF = 7.5 mA
10
85
Propagation Delay Time
tPLH
TA = 25
°C
15
40
65
ns
(L
→ H)*3
VCC = 5 V, IF = 7.5 mA
10
85
Pulse Width Distortion
(PWD)
*3
⏐tPHL-tPLH⏐ VCC = 5 V, IF = 7.5 mA
7
50
ns
Common Mode
Transient Immunity at High
Level Output
*4
CMH
VCC = 5 V, TA = 25
°C, IF = 0 mA,
VO (MIN.) = 2 V, VCM = 1 kV
10
20
kV/
μs
Common Mode
Transient Immunity at Low
Level Output
*4
CML
VCC = 5 V, TA = 25
°C, IF = 7.5 mA,
VO (MAX.) = 0.8 V, VCM = 1 kV
10
20
kV/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com