Electronic Components Datasheet Search
  English  ▼

X  

PS8101-AX Datasheet(PDF) 7 Page - NEC

Part # PS8101-AX
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8101-AX Datasheet(HTML) 7 Page - NEC

Back Button PS8101-AX Datasheet HTML 3Page - NEC PS8101-AX Datasheet HTML 4Page - NEC PS8101-AX Datasheet HTML 5Page - NEC PS8101-AX Datasheet HTML 6Page - NEC PS8101-AX Datasheet HTML 7Page - NEC PS8101-AX Datasheet HTML 8Page - NEC PS8101-AX Datasheet HTML 9Page - NEC PS8101-AX Datasheet HTML 10Page - NEC PS8101-AX Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet PN10260EJ06V0DS
7
PS8101
10
4
0
8
6
2
4
8
18
20
16
2
6
10
12
14
Output Voltage VO (V)
OUTPUT CURRENT vs.
OUTPUT VOLTAGE
20 mA
15 mA
10 mA
5 mA
IF = 25 mA
6
5
4
2
0
3
1
12
16
20
48
26
10
14
18
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
RL = 2.2 k
Ω
5.6 k
Ω
3.0
0
1.0
2.0
10
15
25
5
20
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
VCC = 5 V,
RL = 2.2 k
Ω
tPHL
tPLH
10
1
0.1
10 k
100 k
1 k
Load Resistance RL (
Ω)
PROPAGATION DELAY TIME vs.
LOAD RESISTANCE
VCC = 5 V,
IF = 16 mA
tPLH
tPHL
5
4
2
0
3
1
–50
0
50
100
–25
75
25
Ambient Temperature TA (
°C)
NORMALIZED PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25
°C,
IF = 16 mA, VCC = 5 V,
RL = 2.2 k
Ω
tPLH
tPHL
Remark
The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com