Electronic Components Datasheet Search
  English  ▼

X  

PS9115-AX Datasheet(PDF) 1 Page - NEC

Part # PS9115-AX
Description  HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9115-AX Datasheet(HTML) 1 Page - NEC

  PS9115-AX Datasheet HTML 1Page - NEC PS9115-AX Datasheet HTML 2Page - NEC PS9115-AX Datasheet HTML 3Page - NEC PS9115-AX Datasheet HTML 4Page - NEC PS9115-AX Datasheet HTML 5Page - NEC PS9115-AX Datasheet HTML 6Page - NEC PS9115-AX Datasheet HTML 7Page - NEC PS9115-AX Datasheet HTML 8Page - NEC PS9115-AX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS9115
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE
5-PIN SOP (SO-5) PHOTOCOUPLER
−NEPOC Series−
Document No. PN10267EJ05V0DS (5th edition)
Date Published March 2008 NS
Printed in Japan
2003, 2008
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS9115 is an optically coupled high-speed, totem pole output isolator containing a GaAlAs LED on the input
side and a photodiode and a signal processing circuit on the output side on one chip.
The PS9115 is specified high CMR, high CTR and pulse width distortion with operating temperature.
FEATURES
• High common mode transient immunity (CMH, CML =
±20 kV/
μs TYP.)
• Small package (SO-5)
• Pulse width distortion (
⏐tPHL − tPLH⏐ = 7 ns TYP.)
• High-speed (10 Mbps)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Totem pole output
• Ordering number of taping product: PS9115-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved No. 40008902 (Option)
APPLICATIONS
• Measurement equipment
• PDP
• Line Receiver for FA Network
TRUTH TABLE
LED
Output
ON
L
OFF
H
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
53
12
4


Similar Part No. - PS9115-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9115-AX CEL-PS9115-AX Datasheet
266Kb / 14P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9115-AX

ManufacturerPart #DatasheetDescription
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 CEL-PS9115 Datasheet
266Kb / 14P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com