Electronic Components Datasheet Search
  English  ▼

X  

PS9552-AX Datasheet(PDF) 4 Page - NEC

Part # PS9552-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9552-AX Datasheet(HTML) 4 Page - NEC

  PS9552-AX Datasheet HTML 1Page - NEC PS9552-AX Datasheet HTML 2Page - NEC PS9552-AX Datasheet HTML 3Page - NEC PS9552-AX Datasheet HTML 4Page - NEC PS9552-AX Datasheet HTML 5Page - NEC PS9552-AX Datasheet HTML 6Page - NEC PS9552-AX Datasheet HTML 7Page - NEC PS9552-AX Datasheet HTML 8Page - NEC PS9552-AX Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet PN10589EJ06V0DS
4
PS9552,PS9552L1,PS9552L2,PS9552L3
FUNCTIONAL DIAGRAM
8
7
6
5
2
3
LED
Output
ON
H
OFF
Tr. 1
ON
OFF
Tr. 2
OFF
ON
L
Input
H
L
SHIELD
(Tr. 2)
(Tr. 1)
MARKING EXAMPLE
9552
NT831
No. 1 pin
Mark
Type Number
Assembly Lot
Year Assembled
(Last 1 Digit)
8 31
NT
Rank Code
In-house Code
Week Assembled
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9552, PS9552L3
PS9552L1, PS9552L2
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
7 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com