Electronic Components Datasheet Search
  English  ▼

X  

PS9587 Datasheet(PDF) 2 Page - NEC

Part # PS9587
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9587 Datasheet(HTML) 2 Page - NEC

  PS9587 Datasheet HTML 1Page - NEC PS9587 Datasheet HTML 2Page - NEC PS9587 Datasheet HTML 3Page - NEC PS9587 Datasheet HTML 4Page - NEC PS9587 Datasheet HTML 5Page - NEC PS9587 Datasheet HTML 6Page - NEC PS9587 Datasheet HTML 7Page - NEC PS9587 Datasheet HTML 8Page - NEC PS9587 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet PN10678EJ03V0DS
2
PS9587,PS9587L1,PS9587L2,PS9587L3
PACKAGE DIMENSIONS (UNIT: mm)
DIP Type
PS9587
9.25
+0.5
–0.25
6.5
+0.5
–0.1
0 to 15˚
7.62
2.54
0.5±0.15
1.01
+0.4
–0.2
Lead Bending Type (Gull-wing) For Surface Mount
PS9587L3
6.5
+0.5
–0.1
9.65
±0.4
0.74±0.25
2.54
1.01
+0.4
–0.2
0.5±0.15
9.25
+0.5
–0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com