Electronic Components Datasheet Search
  English  ▼

X  

EPB5218G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5218G
Description  Home Phone Networking Magnetics Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5218G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5218G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Home Phone Networking
Magnetics Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for HPNA 3.0 Applications
• Robust construction allows for IR/VP processes
• Improved Common Mode Attenuation
EPB5218G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
• Note 1: Referenced to center frequency of 9.38 MHz • Filter Characteristic Impedance : 100
Ω •
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5218G
Rev. 3
5/21/03
0 < f < = 0.285
0.285 < f < = 2.85
2.85 < f < = 28.5
28.5 < f < = 95
95 < f < = 190
190 < f < = 285
285 < f < = 380
380 < f < = 475
475 < f < = 570
570 < f < = 665
665 < f < = 760
760 < f < = 855
Frequency
Range
(KHz)
1 M
100 K
10 K
4.0 K
2.0 K
1.4 K
1.0 K
850
700
600
525
450
Minimum
Impedance
Ω
Ω
Ω
Ω
855 < f < = 950
950 < f < = 1000
1000 < f < = 1400
1400 < f < = 2300
2300 < f < = 2850
2850 < f < = 3085
3085 < f < = 4000
4000 < f < = 4750
20250 < f < = 21000
21000 < f < = 25000
25000 < f < = 30000
400
350
175
100
50
25
10
30
30
25
50
Frequency
Range
(KHz)
Minimum
Impedance
Ω
Ω
Ω
Ω
Input Impedance
With 100
Ω load across pins 1 and 2, please refer to the table below.
The magnitude of the input impedance shall be > 10
Ω from 0-30 MHz
and shall conform to the following lower-bound mask:
Return Loss
(dB Min.)
-12
4.75 MHz-20.5 MHz
Cut-off
Frequency
Attenuation
(dB Min.)
Common to Differential
(dB Min.)
200 KHz-50 MHz
-40
1.1 MHz
-60
2.2 MHz
-34
4
Lower Band
22
Upper Band
24.3 MHz
-8
Insertion Loss
(dB Max/)
-2
4.75 MHz-20.5 MHz
1
100 MHz
-60
Schematic
BPF
1
2
10
9
Cable Side
Chip Side
Pins 4,5,6,7,8,11,12,13,14,15 & 16
3
.100
(2.54)
.090
(2.29)
.030
(.762)
Pad
Layout
.670
(17.02)
.035
(.889)
.600
(15.24)
.008/.012
(.203/.305)
0°-8°
1.000
(25.40)
.480
(12.19)
PCA
EPB5218G
Date Code
Pin 1
I.D.
.010/.015
(.254/.381)
.016/.022
(.406/.559)
.260 (6.60)
.700
(17.78)
.150
(3.81)
.100
(2.54)


Similar Part No. - EPB5218G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5211G PCA-EPB5211G Datasheet
39Kb / 1P
Home Phone Networking Transformer
EPB5212S PCA-EPB5212S Datasheet
39Kb / 1P
Home Phone Networking Transformer
EPB5215 PCA-EPB5215 Datasheet
43Kb / 1P
VDSL Diplexer Filter Module
More results

Similar Description - EPB5218G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5100G PCA-EPB5100G Datasheet
23Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5035G PCA-EPB5035G Datasheet
26Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5040G PCA-EPB5040G Datasheet
26Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5035GM PCA-EPB5035GM Datasheet
29Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5039G PCA-EPB5039G Datasheet
29Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5045GM PCA-EPB5045GM Datasheet
29Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5047NC PCA-EPB5047NC Datasheet
32Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5131G PCA-EPB5131G Datasheet
62Kb / 1P
Home Phone Networking Magnetics Module
EPB5147G PCA-EPB5147G Datasheet
49Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5147NC PCA-EPB5147NC Datasheet
25Kb / 1P
Home Phone Networking Analog Magnetics Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com