Electronic Components Datasheet Search
  English  ▼

X  

EPC1005P Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC1005P
Description  Ethernet DC/DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC1005P Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC1005P Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Ethernet DC/DC Converter
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for Low Common Mode Noise
• 70% Typ. Efficiency at Full Load @ Nominial Input Voltage
• Add “-RC” after part number for RoHS Compliant
• Input Filter to Reduce Input Ripple Current
(Less than 10 mA p-p Typical)
• Input/Output Isolation : 500 Vrms
• Fuse Protected
EPC1005P & EPC1005P-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Specifications
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC1005P & -RC
Rev. F1
2/6/07 RR
Min.
7.5
-8.55
---
---
---
Typ.
12
-9
---
---
---
Parameters
16
-9.45
250
100
10
Max.
Volts
Volts
mA
mV p-p
mV p-p
Units
Input Voltage (for specified output)
Output Voltage
Output Current
Output Ripple & Noise @ 20 MHz BW
Input Ripple Current
Notes :
2. Peak Temperature Rating
(Wave Solder Process Only)
3. Weight
1. Lead Finish
4. Packaging Information
(Tube)
EPC1005P-RC
260°C
TBD grams
Hot Tin Dip (Sn)
TBD pieces/tube
EPC1005P
260°C
TBD grams
SnPb
TBD pieces/tube
Pin Connections
1
2
4
3
V o-
V in+
V in-
V o+
Package
PCA
EPC1005P(-RC)
Date Code
1.290
(32.77)
.530 Max.
(13.46)
.600
(15.24)
.790
(20.07)
1.100
(27.94)
+12V
-9V
1
2
4
3
.110/.140
(2.79/3.56)
.025 Ø
(.635)
White Dot
Pin 1
.015
(.381)


Similar Part No. - EPC1005P

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1005P PCA-EPC1005P_15 Datasheet
14Kb / 1P
Ethernet DC/DC Converter
More results

Similar Description - EPC1005P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1008P ETC1-EPC1008P Datasheet
28Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
Ethernet DC/DC Converter
EPC1008P PCA-EPC1008P Datasheet
34Kb / 1P
Ethernet DC/DC Converter
EPC1018H PCA-EPC1018H Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1054P PCA-EPC1054P Datasheet
39Kb / 1P
Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
Ethernet DC/DC Converter
EPC1091P PCA-EPC1091P Datasheet
27Kb / 1P
Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1109P PCA-EPC1109P Datasheet
26Kb / 1P
Ethernet DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com