Electronic Components Datasheet Search
  English  ▼

X  

EPC1054P Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC1054P
Description  Ethernet DC/DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC1054P Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC1054P Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet DC/DC Converter EPC1054P & EPC1054H
Electrical Specifications
Input
Voltage V
5.0 ± 10%
5.0 ± 10%
Output
Voltage V
9.0 ± 5%
9.0 ± 5%
Output Current
mA Max.
225 Max.
225 Max.
Output Ripple & Noise
@ 20 MHz BW mV p-p
100 Max.
100 Max.
Isolation
Vrms
500
2000
PCA P/N
EPC1054P
EPC1054H
Standard
Package
E8
E8
Optional
Packages
Pin Connections for E8
Pin Connections for E7
Pin Connections for E6
PACKAGE E6
PACKAGE E7
PACKAGE E8
DSC1054P&H
Rev. B 5/30/96
QAF-CSO6 Rev. B 9/9/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
70 % Typical efficiency at full load
Designed for low common mode noise
@ nominial input voltage
Input filter to reduce input ripple current
Input / Output Isolation
Regulated Output
Features
Enable Low
E6, E6-G*
E6, E7, E6-G*
E7-G*
1.30 Max.
.375 Max
.585 Max.
.125 Min.
.018
Typ.
White Dot
Pin 1
.008
.012
.635
Typ.
.020 Typ.
1.100
PCA EPC1054P
Date Code
+5V
-9V
1.00
.600
.100 Typ. (6 Plcs)
14
13
11
10
V o+
V o-
12
12
24
V in+
V in+
15
ENABLE
V in-
V o+
V o-
V in-
1
2
24
23
V in+
V in-
12
9
13
3
ENABLE
V o+
V o-
N/C
1.30 Max.
.375 Max
.585 Max.
.125 Min.
.018
Typ.
.008
.012
.635
Typ.
.100 Typ. (3 Plcs)
.020 Typ.
1.100
1.00
.600
.300
PCA EPC1054PE6
Date Code
+5V
-9V
9
12
11
10
3
1
2
24
23
V in+
V in-
13
V o+
V o-
N/C
ENABLE
.100 Typ.
(5 Plcs)
1.30 Max.
.375 Max
.585 Max.
.125 Min.
.018
Typ.
.008
.012
.020 Typ.
1.100
.800
.900
PCA EPC1054HE7
Date Code
+5V
-9V
.635 Typ.


Similar Part No. - EPC1054P

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1054 PCA-EPC1054_15 Datasheet
39Kb / 1P
Ethernet DC/DC Converter
More results

Similar Description - EPC1054P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1008P ETC1-EPC1008P Datasheet
28Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
Ethernet DC/DC Converter
EPC1008P PCA-EPC1008P Datasheet
34Kb / 1P
Ethernet DC/DC Converter
EPC1018H PCA-EPC1018H Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
Ethernet DC/DC Converter
EPC1091P PCA-EPC1091P Datasheet
27Kb / 1P
Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1109P PCA-EPC1109P Datasheet
26Kb / 1P
Ethernet DC/DC Converter
EPC1110HN2 PCA-EPC1110HN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com