Electronic Components Datasheet Search
  English  ▼

X  

EPC1111H Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC1111H
Description  Ethernet DC/DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC1111H Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC1111H Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet DC/DC Converter EPC1111P & EPC1111H
75 % Typical efficiency at full load
Designed for low common mode noise
Input filter to reduce input ripple current
Input / Output Isolation
Dual, Unregulated Output
Features
DSC1111
Rev.
6/4/96
QAF-CSO6 Rev. B 9/9/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
Electrical Specifications
Input
Voltage V
12.0
12.0
Output
Voltage V
±9 ± 5%
±9 ± 5%
Output Current
mA Max.
30 Max.
30 Max.
Output Ripple & Noise
@ 20 MHz BW mV p-p
100 Max.
100 Max.
Isolation
Vrms
500
2000
PCA P/N
EPC1111P
EPC1111H
Standard
Package
E10
E10
*Note : Package with G = Surface Mount Device
Optional
Packages
E10-G*, F5
E10-G*, F5,
E13
13
11
10
RTN
V o-
12
1
3
24
V in+
N/C
V in-
V out+
N/C
13
11
10
RTN
V o-
12
1
3
24
V in+
N/C
V in-
V out+
N/C
11
10
RTN
V o-
V in+
3
1
12
V o+
V in-
Pin Connections for E10
Pin Connections for E10-G
Pin Connections for F5
PACKAGE E10
PACKAGE F5
PACKAGE E10-G
1.30 Max.
.375 Max
.585 Max.
1.100
.125 Min.
.018
Typ.
.008
.012
.635
Typ.
.100
Typ.
.02 Typ.
PCA EPC1111P
Date Code
12V
±9V
1.30 Max.
.010 Typ.
.585 Max.
.020 Typ.
.700
Typ.
1.100
.100 Typ.
.050
.600
.35 Max
.200
PCA
EPC1111PE10-G
Date Code
12V
±9V
.08
.009
.013
.58 Max.
.25 Min.
.100 Typ.
1.100
1.30 Max.
.34
.020
Typ.
.015
.200
PCA EPC1111PF5
Date Code
12V
±9V
11
10
12
2
1
3
14
15
13
23
24
22
Vo+ Vin-
Vo-
Vin+
Vo RTN
Vo+ Vin-
Vo-
Vin+
Vo RTN
Pin Connections for E13
PACKAGE E13
1.300 Max.
.375 Max
.585 Max.
1.100
.125 Min.
.018
Typ.
.008
.012
.635
Typ.
.100
Typ.
.020 Typ.
PCA EPC1111HE13
Date Code
12V
±9V


Similar Part No. - EPC1111H

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1111 PCA-EPC1111_15 Datasheet
27Kb / 1P
Ethernet DC/DC Converter
More results

Similar Description - EPC1111H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1008P ETC1-EPC1008P Datasheet
28Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
Ethernet DC/DC Converter
EPC1008P PCA-EPC1008P Datasheet
34Kb / 1P
Ethernet DC/DC Converter
EPC1018H PCA-EPC1018H Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1054P PCA-EPC1054P Datasheet
39Kb / 1P
Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
Ethernet DC/DC Converter
EPC1091P PCA-EPC1091P Datasheet
27Kb / 1P
Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1109P PCA-EPC1109P Datasheet
26Kb / 1P
Ethernet DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com