Electronic Components Datasheet Search
  English  ▼

X  

EPC3028G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3028G
Description  Surface Mount Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3028G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3028G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EFD20-6 Series
• Selected models can be used in SMPS Forward,
Push-Pull or Half & Full Bridge Topology
• UL1446 Class B Insulating System
• UL 94V-0 Recognized Material
• Very Low Core Loss Materials
• Very Low Leakage Inductance
EPC3028G-EPC3029G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3028G-CSC3029G
Rev. 3
12/18/02
Schematic
5
4
7
8
9
6
2
1
10
11
12
3
1:1:1:1:1:1
Notes :
1. Ns = Number of series connections
2. Np = Number of parallel connections
3. Ks = Ns x
6/Ns
4. Kp =
6/Np
Connection
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Part
Number
EPC3028G
EPC3029G
Irms
(Amps)
6.1 /Ks
6.1 /Kp
2.5
7.5 /Ks
7.5 /Kp
3.06
DCR
(
Ω Max.)
.071 xNs
.071 /Np
.071
.047xNs
.047 /Np
.047
Temp. Rise
@ Irms
(°C Typ.)
39
39
39
39
39
39
Vt 1
(V-µSec. Max.)
98 xNs
98
98
65.3 xNs
65.3
65.3
Inductance
(µH ± 25%)
@ 0 Adc
173 x(Ns)
173
173
76.8 x(Ns)
76.8
76.8
2
2
Package EFD20-6
.591
(15.00)
.118
(3.00)
.854 Max.
(21.70)
.835 Max.
(21.20)
Pin 1
I.D.
1
12
6
7
.028
(.700)
PCA
EPC30XXG
D.C.
1.128
(28.65)
.080
(2.03)
0°-8°
.010
(.250)
.425 Max.
(10.80)
.016
(.400)
• Switching Frequency : Up to 1 MHz • Isolation : 500 Vrms •


Similar Part No. - EPC3028G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3028G-C3029G PCA-EPC3028G-C3029G_15 Datasheet
69Kb / 1P
Surface Mount Power Transformer
More results

Similar Description - EPC3028G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3018G PCA-EPC3018G Datasheet
65Kb / 1P
Surface Mount Power Transformer
EPC3076G-X PCA-EPC3076G-X Datasheet
42Kb / 1P
Surface Mount Power Transformer
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
SURFACE MOUNT TRANSFORMER
logo
PCA ELECTRONICS INC.
EPC3020G PCA-EPC3020G Datasheet
68Kb / 1P
Surface Mount Power Transformer
EPC3030G PCA-EPC3030G Datasheet
69Kb / 1P
Surface Mount Power Transformer
EPC3018G-C3019G PCA-EPC3018G-C3019G_15 Datasheet
69Kb / 1P
Surface Mount Power Transformer
EPC3020G-C3027G PCA-EPC3020G-C3027G_15 Datasheet
68Kb / 1P
Surface Mount Power Transformer
EPC3028G-C3029G PCA-EPC3028G-C3029G_15 Datasheet
69Kb / 1P
Surface Mount Power Transformer
EPC3030G-EPC3107G PCA-EPC3030G-EPC3107G_15 Datasheet
69Kb / 1P
Surface Mount Power Transformer
EPC3076G-X PCA-EPC3076G-X_15 Datasheet
45Kb / 1P
Surface Mount Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com