Electronic Components Datasheet Search
  English  ▼

X  

EPC3166-2 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3166-2
Description  Flyback Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3166-2 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3166-2 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Flyback Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPC3166-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3166-X
Rev. 3
2/25/04 FT
Voltage
(Vdc)
Primary
OCL
(µH ± 10%)
22
22
22
22
22
66
65
65
47
47
47
@ 10 KHz,
0.1 Vrms
LM2587/88
LM2587/88
LM2587/88
LM2585/86
LM2587/88
LM2585/86
LM2585/86
LM2585/86
LM2585/86
LM2585/86
LM2585/86
Chipset
4-6
4-6
8-16
14-16
4-6
18-36
4-6
18-36
4-6
4-6
8-16
V in
Pins 1-2
3.3
5.0
12.0
11.25
12.0
5.0
12.0
12.0
3.3
5.0
12.0
V out
1
Current
(Amp. Max.)
PCA
Part
Number
EPC3166-1
EPC3166-2
EPC3166-5
EPC3166-6
EPC3166-7
N
N
N
N
-12
12
-12
-12
N
N
N
V out
2
N
N
N
N
N
-12
N
N
N
N
N
V out
3
1.8
1.4
1.2
2.5
0.3
1.8
0.15
0.6
1.4
1.0
0.8
Sec.
1
N
N
N
N
0.3
0.25
0.15
0.6
N
N
N
Sec.
2
N
N
N
N
N
0.25
N
N
N
N
N
Sec.
3
A
A
A
A
B
C
B
B
A
A
A
Schematic
• Used in SMPS Flyback Topology
• Designed for use with National Semiconductor Chips
LM2585 to LM2588
• UL94V-0 Recognized Components
• UL1446 Class B Insulation System
• Very Low Core Loss
• 750 Vrms Isolation
LM2585/2586/2587 Switching Frequency : 100 KHz •
LM2588 Switching Frequency : 200 KHz •
• Note : “N” means Not Required/No Connections •
T1
T1
T1
---
T2
T5
T6
T6
T7
T7
T7
Xfmr
Code
1:1
1:1
1:1
1:1
1:2.5:2.5
1:.5:1.15:1.15
1:1.2:1.2
1:1.2:1.2
1:1
1:1
1:1
Turns
Ratio
Schematic B
2
1
Vin
5
6
8
7
Vout 1
Vout 2
Schematic C
Vin
5
6
8
7
Vout 1
Vout 2
Vout 3
1
2
4
3
Schematic A
Vin
8
7
Vout 1
1
2
Package
PCA
EPC3166-X
D.C
.689 Max.
(17.50)
.150 Min.
(3.80)
.787 Max.
(20.00)
.201
(5.10)
White Dot
Pin # 1
85
.514
(13.05)
.669 Max.
(17.00)
.150
(3.80)
Side
Bottom
.026
(.650)
14
.118 Max.
(3.00)


Similar Part No. - EPC3166-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3166-2 PCA-EPC3166-2 Datasheet
46Kb / 1P
Flyback Power Transformer
More results

Similar Description - EPC3166-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3127-X PCA-EPC3127-X Datasheet
46Kb / 1P
Flyback Power Transformer
EPC3129-X PCA-EPC3129-X Datasheet
39Kb / 1P
Flyback Power Transformer
EPC3168G-1 PCA-EPC3168G-1 Datasheet
27Kb / 1P
Flyback Power Transformer
EPC3169-3 PCA-EPC3169-3 Datasheet
45Kb / 1P
Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_08 Datasheet
25Kb / 1P
Flyback Power Transformer
EPC3127-X PCA-EPC3127-X_07 Datasheet
26Kb / 1P
Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_15 Datasheet
25Kb / 1P
Flyback Power Transformer
EPC3132-XA PCA-EPC3132-XA_15 Datasheet
45Kb / 1P
Flyback Power Transformer
EPC3166-X PCA-EPC3166-X_15 Datasheet
46Kb / 1P
Flyback Power Transformer
EPC3169-X PCA-EPC3169-X_15 Datasheet
45Kb / 1P
Flyback Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com