Electronic Components Datasheet Search
  English  ▼

X  

EPD1012G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPD1012G
Description  ADSL Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPD1012G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPD1012G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
ADSL Transformer
CSD1012G
Rev. 1
11/12/01
• Designed to meet Supplementary Insulation Requirement •
of IEC950 for 250 VAC working Voltage
• Excellent THD Characteristic •
• Isolation : 1500Vrms •
EPD1012G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Dimensions
A
B
C
D
E
F
G
H
I
K
L
M
N
P
Q
Dim.
Min.
.475
.420
.435
---
---
---
.590
---
---
8°
.050
---
---
---
---
Max.
.460
.405
.420
.300
.010
.100
.575
.024
.012
3°
.040
.035
.100
.090
.625
Nom.
(Inches)
(Millimeters)
---
---
---
---
---
---
---
---
---
0°
.762
---
---
---
---
Min.
12.06
10.67
11.05
---
---
---
41.98
---
---
8°
1.27
---
---
---
---
Max.
11.68
10.28
10.67
7.62
.254
2.54
14.60
.609
.305
3°
1.02
.889
2.54
2.28
15.88
Nom.
---
---
---
---
---
---
---
---
---
0°
.030
---
---
---
---
Schematic
Package
Pin 1
I.D.
Product performance is limited to specified parameters. Data is subject to change without prior notice.
F
B
A
H
G
L
K
E
C
I
Marking:
PCA
EPD1012G
D.C.
D
Longitudinal
Balance
(dB Min.)
60
@ 100 KHz
Pins 1-4 with
3-2 shorted
Line Side
OCL
(µH ± 5%)
400
@ 10 KHz ,
0.1 Vrms
N
M
Q
P
DCR
(
Ω Max.)
1.1
Pins 1-4 w/
3-2 shorted
Line
1.1
Pins 8-5 w/
6-7 shorted
Chip
• Characteristics Impedance : 100
Ω •
2
1
8
3
6
4
7
5
1.9:1
Pins 1-4 with 3-2,
8-5 & 6-7 shorted
Leakage
Inductance
(µH Max.)
6
@ 100 KHz,
0.1 Vrms
Total Harmonic
Distortion Line Side
(dB Min.)
@ 100 KHz,
15 Vp-p
-80
Line
Side
Chip
Side
Interwinding
Capacitance
(pF Max.)
20
@ 100 KHz,
0.1 Vrms


Similar Part No. - EPD1012G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPD1011G PCA-EPD1011G Datasheet
23Kb / 1P
ADSL Transformer
EPD1013 PCA-EPD1013 Datasheet
36Kb / 1P
ADSL Transformer
EPD1014G PCA-EPD1014G Datasheet
41Kb / 1P
ADSL Transformer
EPD1017G PCA-EPD1017G Datasheet
220Kb / 1P
ADSL Transformer
EPD1018G PCA-EPD1018G Datasheet
25Kb / 1P
ADSL Transformer
More results

Similar Description - EPD1012G

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
ADSL TRANSFORMER
XFADSL11A XFMRS-XFADSL11A_15 Datasheet
61Kb / 1P
ADSL TRANSFORMER
XFADSL13S XFMRS-XFADSL13S_15 Datasheet
62Kb / 1P
ADSL TRANSFORMER
XFADSL21S XFMRS-XFADSL21S_15 Datasheet
60Kb / 1P
ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A_15 Datasheet
63Kb / 1P
ADSL TRANSFORMER
XFADSL27S XFMRS-XFADSL27S_15 Datasheet
46Kb / 1P
ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
ADSL TRANSFORMER
XFADSL56 XFMRS-XFADSL56_15 Datasheet
84Kb / 1P
ADSL TRANSFORMER
XFADSL46SA XFMRS-XFADSL46SA Datasheet
51Kb / 1P
ADSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com