Electronic Components Datasheet Search
  English  ▼

X  

EPD1024G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPD1024G
Description  ADSL Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPD1024G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPD1024G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
ADSL Transformer
CSD1024G
Rev. -
11/14/01
• Designed as Unbalance to Balance ADSL Transformer •
• Applicable for 75
Ω Balance to 100 Ω Balance •
Impedance Transformation
• Also available in the thru-hole packaging •
• Maximum DC Biasing Current : 100 mA •
EPD1024G
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
6799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Dimensions
A
B
C
D
E
F
G
H
I
K
L
M
N
P
Q
Dim.
Min.
.530
.516
.480
.405
.015
.105
.675
.030
.014
8°
.049
---
---
---
---
Max.
.512
.510
.470
.400
.010
.100
.670
.028
.012
---
.039
.051
.098
.100
.700
Nom.
(Inches)
(Millimeters)
12.45
12.85
11.68
10.03
.127
2.41
16.89
.660
.254
0°
.737
---
---
---
---
Min.
13.46
13.11
12.19
10.29
.381
2.67
17.15
.762
.356
8°
1.25
---
---
---
---
Max.
13.00
12.95
11.94
10.16
.254
2.54
17.02
.711
.305
---
.991
1.29
.249
2.54
17.78
Nom.
.490
.506
.460
.395
.005
.095
.665
.026
.010
0°
.029
---
---
---
---
Package
Pin 1
I.D.
Product performance is limited to specified parameters. Data is subject to change without prior notice.
F
B
A
H
G
L
K
E
C
I
Marking:
PCA
EPD1024G
D.C.
D
N
M
Q
P
Primary OCL
(µH Typ.)
1.2
@ 100 KHz, 0.1 Vrms
1
10
3
8
5
6
Pri.
Sec.
Schematic
Leakage Inductance
(µH Max.)
@ 100 KHz, 0.1 Vrms
1.0
Return Loss
(dB Max.)
25 KHz-12 Mhz
-10
Turns Ratio
(± 2%)
1CT:1.155CT
Pri.:Sec.
DCR
(
Ω Max.)
2.0
Pins 6-10
-1.0
25 KHz-12 Mhz
Insertion Loss
(dB Max.)
2.5
Pins 1-5
• Impedance (Pri.:Sec.) : 75
Ω:100 Ω • Isolation : 1500 Vrms •


Similar Part No. - EPD1024G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPD1021F PCA-EPD1021F Datasheet
44Kb / 1P
ADSL Transformer
EPD1023G PCA-EPD1023G Datasheet
26Kb / 1P
ADSL Transformer
More results

Similar Description - EPD1024G

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
ADSL TRANSFORMER
XFADSL11A XFMRS-XFADSL11A_15 Datasheet
61Kb / 1P
ADSL TRANSFORMER
XFADSL13S XFMRS-XFADSL13S_15 Datasheet
62Kb / 1P
ADSL TRANSFORMER
XFADSL21S XFMRS-XFADSL21S_15 Datasheet
60Kb / 1P
ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A_15 Datasheet
63Kb / 1P
ADSL TRANSFORMER
XFADSL27S XFMRS-XFADSL27S_15 Datasheet
46Kb / 1P
ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
ADSL TRANSFORMER
XFADSL56 XFMRS-XFADSL56_15 Datasheet
84Kb / 1P
ADSL TRANSFORMER
XFADSL46SA XFMRS-XFADSL46SA Datasheet
51Kb / 1P
ADSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com