Electronic Components Datasheet Search
  English  ▼

X  

EPD2004E Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPD2004E
Description  HDSL Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPD2004E Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPD2004E Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
HDSL Transformer
CSD2004E
Rev. -
9/18/01
• Designed for use with Conexant’s RS8973 •
SDSL/HDSL Transceiver
• Designed to meet Supplementary Insulation Requirements •
of UL1950/IEC950
• 2000 Vrms Isolation •
• Operating Temperature Range -40°C to +85°C •
EPD2004E
E L E C T R O N I C S I N C .
DCR
(
Ω ± 10%)
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Longitudinal
Balance
(dB Min.)
-50
1-300
KHz
Package
Dimensions
Inductance
(mH ± 6%)
2.0
@ 10 KHz
0.1 Vrms, 160m Adc
Pins 1-5 with
4,2 Shorted
Pri.
2.43
Pins
1-4/2-5
Sec.
1.46
Pins 9-7
-60
@ 1 KHz,
13.5 dBm
THD
(dB Typ.)
Leakage
Inductance
(µH Max.)
30
@ 100 KHz
0.1 Vrms
Pins 1-5 with
4,2 & 9,7 Shorted
.515
.520
.490
.130
.100
.400
.020
---
Nom.
13.08
13.21
12.45
3.30
2.54
10.16
.508
---
Nom.
.490
.510
.480
.100
---
---
.015
---
A
B
C
E
F
G
H
-
Dim.
Min.
.530
.530
.500
.160
---
---
.025
---
Max.
(Inches)
(Millimeters)
12.45
12.95
12.19
2.54
---
---
.381
---
Min.
13.46
13.46
12.70
4.06
---
---
.635
---
Max.
E
C
B
PCA
EPD2004E
D.C.
15
10
6
A
F
G
H (Sq.)
Insertion
Loss
(dB Max.)
-0.5
@ 40
KHz
Line Side Impedance : 135
Ω • Device Side Impedance : 32 Ω
Schematic
1
4
2
5
7
9
Pri.
Sec.
1:1:1 ± 2%
Line Side
Device Side


Similar Part No. - EPD2004E

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPD2000G PCA-EPD2000G Datasheet
23Kb / 1P
HDSL 2 Line Transformer
More results

Similar Description - EPD2004E

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-977 RHOMBUS-IND-T-977 Datasheet
39Kb / 1P
HDSL TRANSFORMER
1/22/96
T-982 RHOMBUS-IND-T-982 Datasheet
46Kb / 1P
HDSL TRANSFORMER
6/02/00
T-982G RHOMBUS-IND-T-982G Datasheet
26Kb / 1P
HDSL TRANSFORMER
1/22/96
T-984G RHOMBUS-IND-T-984G Datasheet
26Kb / 1P
HDSL TRANSFORMER
1/22/96
logo
PCA ELECTRONICS INC.
EPB5050 PCA-EPB5050 Datasheet
19Kb / 1P
HDSL Transformer
logo
XFMRS Inc.
XF1313-16HD XFMRS-XF1313-16HD Datasheet
44Kb / 1P
HDSL TRANSFORMER
XF1010-AD14S XFMRS-XF1010-AD14S Datasheet
40Kb / 1P
HDSL TRANSFORMER
X2316HM1 XFMRS-X2316HM1_15 Datasheet
60Kb / 1P
HDSL TRANSFORMER
XF1313-24HDS XFMRS-XF1313-24HDS_15 Datasheet
74Kb / 1P
HDSL TRANSFORMER
XF2311-5HD XFMRS-XF2311-5HD_15 Datasheet
57Kb / 1P
HDSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com