Electronic Components Datasheet Search
  English  ▼

X  

EPE6121G Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPE6121G
Description  10 Base-T Interface Module with all Resistors Integrated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6121G Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPE6121G Datasheet HTML 1Page - PCA ELECTRONICS INC. EPE6121G Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The circuit below is a guideline for interconnecting PCA’s EPE6121G with AMD MACE 10 Base-T PHY chip over UTP cable. Further
details of system design, such as chip pin-out, etc. can be obtained from the specific chip manufacturer.
Typical insertion loss of the isolation transformer/filter is 0.7dB. This parameter covers the entire spectrum of the encoded signals in 10
Base-T protocols. However, the predistortion resistor network introduces some loss which has to be taken into account in determining
how well your design meets the Standard Template requirements. Additionally, the following need to be considered while selecting
resistor values :
a.
The filter needs 100
Ω termination, thus the Thevenin’s equivalent resistance seen by the filter looking into the transmit outputs
from the chip must be equal to a value close to 100
Ω. The typical driver output impedance is 5Ω. Thus choose R1 and R2
values that are lowered by 5
Ω on each leg. Following these guidelines will guarantee that the return loss specifications are
satisfied at all extremes of cable impedance (i.e. 85
Ω to 115Ω) while the module is installed in your system.
b.
That the template requirements are satisfied under the worst case Vcc (i.e. 4.5V), will impose a further constraint on resistor
selection, in that they ought to be the minimum derived from the calculations. Add R3 for more flexibility in setting voltage
levels at the outputs.
Values given here provide an effective termination of 2(61.9//422)//1200
Ω or approximently 100Ω. Thus, bench measurement
of return loss is done by shooting all input pins of the transmit channel. This assumes, as is evident from above, that the MACE output
driver impedance is less than 1
Ω or 2Ω at the most.
Note that some systems have auto polarity detection and some do not. If not, be certain to follow the proper polarity.
It is recommended that system designers ground the chip side center taps via a low voltage capacitor. Taking the cable side center taps
to chassis via capacitors, is not recommended, as this will add cost without containing EMI. This may worsen EMI, specifically if the
primary “common mode termination” is pulled to ground as shown.
The pulldown resistors used around the RJ45 connector have been known to suppress unwanted radiation that unused wires pick up
from the immediate environment. Their placement and use are to be considered carefully before a design is finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit the plane off at
least 0.08 inches away from the chip side pins of EPE6121G. There need not be any ground plane beyond this point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to achieve minimum
radiation from these traces.
CSE6121Gb
Rev. 1
9/5/97
10 Base-T Interface Module
with all Resistors Integrated
Typical Application Circuit for UTP with Integrated Resistor Network
E L E C T R O N I C S I N C .
EPE6121G
AMD
79C940
RJ45*
1
2
6
3
TX+
TXd+
RX+
RX-
EPE6121G
TX+
TX-
RX+
RX-
1
2
5
TX-
TXd-
Notes:
*Pin-outs shown are for NIC only
Chassis
Ground
8
7
45
8
6
11
9
14
12
16
3
4
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com